Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADCA5190ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADCA5190
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 22
DOWNSTREAM APPLICATIONS CIRCUIT WITH
ACTIVE BIASING
The schematic in Figure 32 and the PCB layout in Figure 33
are recommended for downstream cable system applications from
45 MHz to 1800 MHz that employ active biasing. Recommended
values for all components are in the BOM listed in Downstream
Cable Application Circuit with Active Biasing Bill of Materials. The
voltage at Pin 1 of E2 is the filtered supply voltage, VDD. T1 is an
RF transformer configured to transform the single-ended 75 Ω RF
input to a differential signal that drives the 37.5 Ω inputs of the
ADCA5190 (RFIN and RFIP). The active bias circuit comprises the
C19, C31, C32, Q1, R2, R11, R12, R13, and R15 components.
The circuit is connected to Pin 1 of E1. See Supply Voltage and
Bias Current for more information about how to control IDD using
this circuit. C6 stabilizes the output of the active bias circuit and
serves as the ac ground for the RF input signal. Capacitor C29
between the FBN pins (Pin 14 and Pin 16) provides feedback for
the negative side of the amplifier, and Capacitor C30 between the
FBP pins (Pin 25 and Pin 27) provides feedback for the positive
side of the amplifier.
T2 is an RF transformer configured to transform the differential 37.5
Ω outputs (RFON and RFOP) to a single-ended 75 Ω RF output.
The C3, C5, C7, C8, C13, C14, C18, C20 L8, L9, L10, and
L11 components are intended for impedance matching, and these
components must be optimized to match the RF input source and
RF output load. Capacitor C4 blocks the dc voltage of the RF input
source. Capacitor C27 and Capacitor C28 block the dc voltage at
the RFOP (Pin 22 and Pin 23) and RFON (Pin 18 and Pin 19)
output pins. The L2 and L3 inductors are RF chokes connected to
the filtered VDD supply voltage.
Figure 32. Suggested Downstream CATV Application Circuit with Active Biasing Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com