Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADCA5190ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
ADCA5190
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 22
DISTORTION DATA
Downstream All Digital Channel Plan, 8× Orthogonal Frequency Division Multiplexing (OFDM)
Channels, 258 MHz to 1794 MHz
See the application circuit in Figure 31. VDD = 8.0 V, IDD = 375 mA, TPADDLE = 35°C, and ZS = ZL = 75 Ω, unless otherwise noted.
Table 2. Distortion Data
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE POWER RATIO1
NPR
48
dB
10 dB tilt, 6 dB offset at 1026 MHz, total composite
power (TCP) = 67 dBmV, VDD = 8.0 V, IDD = 375 mA
43
dB
10 dB tilt, 6 dB offset at 1026 MHz, TCP = 63 dBmV,
VDD = 5.0 V, IDD = 250 mA
50
dB
10 dB tilt, no offset, TCP = 67 dBmV, VDD = 8.0 V,
IDD = 375 mA
44
dB
10 dB tilt, no offset, TCP = 63 dBmV, VDD = 5.0 V,
IDD = 250 mA
1 The noise power ratio gives an equivalent result to the standard modulation error rate (MER) testing but with improved dynamic range using an industry-accepted method.
Downstream All Digital Channel Plan, 190×, ITU-T J.83B, Single-Channel Quadrature Amplitude
Modulation (SCQAM) 6 MHz Channels, 54 MHz to 1218 MHz
See the application circuit in Figure 31. TPADDLE = 35 °C, and ZS = ZL = 75 Ω, unless otherwise noted.
Table 3. Distortion Data
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE POWER RATIO1
NPR
48
dB
10 dB tilt, TCP = 67 dBmV, VDD = 8.0 V, IDD = 375 mA
46
dB
10 dB tilt, TCP = 63 dBmV, VDD = 5.0 V, IDD = 250 mA
1 The noise power ratio gives an equivalent result to the standard MER testing but with improved dynamic range using an industry-accepted method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com