Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCA5190ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADCA5190
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 22
DOCSIS 3.1 DOWNSTREAM PERFORMANCE (SEE FIGURE 31)
190×, ITU-T J.83B, SCQAM 6 MHz channels, and 54 MHz to 1218 MHz, unless otherwise noted. In Figure 19 to Figure 26, the performance at
the lower output power is limited by the test equipment and is not indicative of the noise performance of the device.
Figure 19. NPR vs. Frequency Over TCP, 10 dB Tilt, VDD = 8.0 V, IDD = 375 mA
Figure 20. NPR vs. Frequency Over TCP, 10 dB Tilt, VDD = 5.0 V, IDD = 250 mA
Figure 21. NPR vs. Total Composite Power Over Frequency, 10 dB Tilt, VDD =
8.0 V, IDD = 375 mA
Figure 22. NPR vs. Total Composite Power Over Frequency, 10 dB Tilt, VDD =
5.0 V, IDD = 250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com