Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADCA5190ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet
ADCA5190
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 20 of 22
DOWNSTREAM CABLE APPLICATION CIRCUIT WITH ACTIVE BIASING BILL OF MATERIALS
Table 11. Downstream Bill of Materials with Active Biasing 1
Reference Designator Value
Tolerance
Minimum Rating
Footprint
Suggested Vendor Suggested Part Number
C3
0.2 pF
±0.1 pF
100 V
0402
Murata
GRM1555C2AR20BA01D
C4, C16, C19, C25,
C26, C31, C32
0.01 µF
10%
100 V
0402
TDK
810-C1005X7S2A103K
C6
0.01 µF
10%
50 V
0201
Taiyo Yuden
UMK063BJ103KP-F
C10, C12
2.2 µF
10%
50 V
1411
Kyocera AVX
TAJB225K050RNJ
C11
0.01 µF
20%
100 V
0603
TDK
C1608X7R2A103M080AA
C15
0.047 µF
10%
50 V
0603
TDK
06035C473KAT4A
C27, C28
180 pF
1%
50 V
0402
Murata
GRT1555C1H181FA02D
C29, C30
220 pF
10%
50 V
0201
Murata
GRM033R71H221KA12D
E1
1000 Ω ferrite
25%
170 mA
0201
Murata
BLM03BX102SN1D
E2
220 Ω ferrite
25%
1.8 A
0603
Taiyo Yuden
FBMH1608HM221-T
L1
2.2 µH
20%
1.6 A
1210
Taiyo Yuden
BRL3225T2R2M
L2, L3
270 nH
5%
590 mA
0402
Coilcraft
0402DF-271XJRW
L8, L10, L11
0 Ω
N/A
0.1 W
0402
Panasonic
ERJ-2GE0R00X
L9
1.5 nH
0.2 nH
2.1 A
0402
Murata
LQW15AN1N5C8ZD
Q1
Dual PNP
N/A
100 mA
SOT-666-6
Nexperia
BCM857BV
R2, R13, R15
Select2
1%
62.5 mW
0402
N/A
N/A
R8
Select3
1%
50 mW
0201
Panasonic
ERJ-1GNF2001C
R11, R12
1 Ω
1%
200 mW
0402
Vishay
CRCW04021R00FKEDHP
R20
Select 4
1%
50 mW
0201
N/A
N/A
T1
1:1 transformer
N/A
N/A
AT224-3
Mini-Circuits
TC1-33-75G2+
T2
1:1 transformer
N/A
N/A
99-01-1618-2
Mini-Circuits
TRS1-182-75-3+
U1
CATV amplifier
N/A
N/A
5 mm × 5 mm, 32-
lead LFSCP
Analog Devices,
Inc.
ADCA5190
C5, C7, C8, C13, C14,
C18, C20
Do not install
N/A
N/A
0402
N/A
Do not install
1 N/A means not applicable.
2 See Table 9 for suggested values.
3 See Table 8 for suggested values.
4 See Table 8 for suggested values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com