Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCA5190ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
ADCA5190
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 22
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 5, 8, 9, 10, 11, 15, 16,
17, 21, 24, 26, 30, 31, 32
NC
No Connect. Do not connect to these pins. Leave these pins floating.
2, 3
RFIP
Positive RF Amplifier Input. RFIP and RFIN form a differential input.
6, 7
RFIN
Negative RF Amplifier Input. RFIP and RFIN form a differential input.
12
TIEA
Connect TIEA and TIEB (Pin 13) together externally.
13
TIEB
Connect TIEB and TIEA (Pin 12) together externally.
18, 19
RFON
Negative Amplifier RF Output. A choke inductor is required to provide dc current and RF isolation. A dc blocking capacitor is
also required. See Figure 31 for specific recommendations.
14, 16
FBN
Negative Feedback Path. Place an 0201 capacitor between Pin 14 and Pin 16. See Figure 31 for specific recommendations.
20
RSET
Bias Resistor. The voltage must be pulled up or down depending on target bias voltage (see Supply Voltage and Bias
Current ). See Figure 31 for specific recommendations.
22, 23
RFOP
Positive Amplifier RF Output. A choke inductor is required to provide dc current and RF isolation. A dc blocking capacitor is
also required. See Figure 31 for specific recommendations.
25, 27
FBP
Positive Feedback Path. Place an 0201 capacitor between Pin 25 and Pin 27. See Figure 31 for specific recommendations.
28
TIEC
Connect TIEC and TIED (Pin 29) together externally.
29
TIED
Connect TIED and TIEC (Pin 28) together externally.
EPAD
Exposed Pad. Solder the exposed paddle to a low impedance electrical and thermal ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com