Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCA5190ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Data Sheet
ADCA5190
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 22
The ADCA5190 is a single-die, 1800 MHz differential cascode
amplifier fabricated on a linear gallium arsenide (GaAs), pHEMT
process. The device provides general-purpose linear gain suitable
for a wide range of applications.
When used with a recommended balun, the ADCA5190 can ach-
ieve a 4.1 dB noise figure at 1800 MHz (3.0 dB noise figure at 1218
MHz) while holding excellent linearity for extended spectrum line
extender input stage applications.
The device has suitable drive capability to overcome nominal inser-
tion losses introduced from automatic gain control and tilt functions.
The ADCA5190 can also serve as an output stage for the upstream
path at any DOCSIS 4.0 frequency split.
Depending on the application, the ADCA5190 can be biased from
5.0 V through 8.0 V with currents from 200 mA to 450 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com