Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADCA5190ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
ADCA5190
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 22
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications ....................................................... 3
General Downstream Performance....................3
Distortion Data....................................................4
Absolute Maximum Ratings...................................5
Thermal Resistance .......................................... 5
Electrostatic Discharge (ESD) Ratings...............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Typical Performance Characteristics..................... 7
S-Parameters for Downstream Application
(See Figure 31)................................................ 7
DOCSIS 4.0 Downstream Performance
(See Figure 31)................................................ 8
DOCSIS 3.1 Downstream Performance
(See Figure 31)...............................................11
Noise Performance ..........................................13
Theory of Operation ............................................14
Applications Information...................................... 15
Thermal Considerations................................... 15
Soldering Information and Recommended
PCB Land Pattern.......................................... 15
Supply Voltage and Bias Current .................... 16
Downstream Applications Circuit with
Passive Biasing.............................................. 17
Downstream Cable Application Circuit with
Passive Biasing Bill of Materials.....................18
Downstream Applications Circuit with Active
Biasing............................................................19
Downstream Cable Application Circuit with
Active Biasing Bill of Materials....................... 20
Layout Considerations......................................21
Outline Dimensions............................................. 22
Ordering Guide.................................................22
Evaluation Boards............................................ 22
REVISION HISTORY
7/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com