Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADCA5190ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
ADCA5190
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 22
SUPPLY VOLTAGE AND BIAS CURRENT
The ADCA5190 provides flexible options for biasing for various ap-
plications. The voltage can be adjusted from 5 V to 8 V depending
on the RF demand and the available supplies. The bias current
can be adjusted between 200 mA and 450 mA to optimize power
consumption and linearity for a given application. The RSET pin
(Pin 20) can also be used to optimize performance for a given
supply voltage.
There are several options for setting the bias current, IDD, of the
ADCA5190. The passive bias approach is the most basic and
provides a dc voltage at the RF inputs, RFIP (Pin 2 and Pin 3) and
RFIN (Pin 6 and Pin 7), that is generated from a resistor divider (R4
and R3) off the VDD supply rail, as seen in Figure 31. The output
voltage of the resistor divider, VBIAS_ADJ, is connected through a
ferrite bead (E1) to the ac ground terminal of T1. This voltage
also sets the dc bias at the outputs of T1, which drive the RF
inputs. The typical relationship between VBIAS_ADJ and IDD is shown
in Figure 30. This approach requires the fewest components, but
process variation results in the bias current varying ~±15% from
the typical IDD value. This also affects device performance similarly
to intentionally adjusting the current of a nominal device. Noise or
variation on the VDD supply also directly affects the bias current.
In applications where some variation in performance is acceptable,
this simple approach to biasing is ideal.
If more tightly controlled bias current is desired, there are several
options available. When supply voltage imprecision is a concern,
adding a voltage reference diode, such as the ADR5041 to develop
the gate voltages, removes bias current dependence on the supply
rail. If process variation is a concern, there is a simple and low
cost analog circuit employing matched PNP devices that can be
used to compensate for the vast majority of process variation in the
ADCA5190. This circuit is referred to as active biasing. A schematic
for such a circuit is provided in Figure 32. The values of the three
resistors (R2, R13, and R15) surrounding the dual PNP (Q1) vary
depending on the supply voltage and target current. Values for
two typical bias targets are supplied in Table 9, but the same
approach can be used for any supply voltage and current combina-
tion desired. If the target application already has a digital-to-analog
converter (DAC) available with an extra output, driving the voltage
at Pin 1 of E1 in Downstream Cable Application Circuit with Passive
Biasing Bill of Materials, and monitoring IDD, allows the user to
precisely servo the targeted IDD level.
In both the passive and active biasing approaches, performance
is optimized by setting the voltage at the RSET pin (Pin 20). This
voltage can be pulled up or down by selecting the values of R8 and
R20, as shown in Table 8.
Figure 30. IDD vs. VBIAS_ADJ
Table 8. Suggested Values for R8 and R20 vs. VDD 1
VDD
R8
R20
5.0 V
DNP
6490 Ω
6.0 V
10 kΩ
DNP
7.0 V
3.16 kΩ
DNP
8.0 V
2 kΩ
DNP
1 DNP means do not populate.
Table 9. Suggested Values for R2, R13, and R15 vs. Bias Target
Configuration
R13
R15
R2
VDD = 8 V, IDD = 375 mA
5110 Ω
44,200 Ω
1180 Ω
VDD = 5 V, IDD = 250 mA
7150 Ω
49,900 Ω
1500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com