Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 5 Page - Texas Instruments

  CC400-RTR2 Datasheet HTML 1Page - Texas Instruments CC400-RTR2 Datasheet HTML 2Page - Texas Instruments CC400-RTR2 Datasheet HTML 3Page - Texas Instruments CC400-RTR2 Datasheet HTML 4Page - Texas Instruments CC400-RTR2 Datasheet HTML 5Page - Texas Instruments CC400-RTR2 Datasheet HTML 6Page - Texas Instruments CC400-RTR2 Datasheet HTML 7Page - Texas Instruments CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CC400
SWRS050
Page 5 of 32
4.
General Characteristics
The general characteristics of
CC400 are listed in Table 4 below.
Parameter
Min.
Typ.
Max.
Unit
Condition
RF Frequency Range
300
315
418
433.92
500
MHz
Programmable in steps of 250 Hz
Transmit data rate
0.3
2.4
9.6
kbps
Manchester code is required. (9.6
kbps equals 19.2 kBaud using
Manchester code)
Table 4: General Characteristics
5.
RF Receive Section
Tc = 25°C, VDD = 3.0V if nothing else stated. Measured on Chipcon’s
CC400DB reference
design.
Parameter
Min.
Typ.
Max.
Unit
Condition
Receiver Sensitivity
-110
dBm
Measured at 433.92 MHz and a
data rate of 1.2 kbps, 60 kHz IF
and 20 kHz frequency separation
with a bit error rate better than 10
-
3. For other settings see p.15.
Cascaded noise figure
3
dB
LO leakage
-39
dBm
Measured conducted on
CC400DB. Radiated LO leakage
depends on external components
placement.
Input impedance
39
Ω
+4.9 pF
Receive mode, series equivalent.
For matching details see “Input/
output matching” p. 16.
Turn on time
500
3
5
30
µs
ms
ms
ms
With precharging, 9.6 kbps
Without precharging, 9.6 kbps
With precharging, 1.2 kbps
Without precharging, 1.2 kbps
See “Demodulator precharging
for reduced turn-on time” p. 21.
Blocking / Desensitization
±1 MHz
±2 MHz
±5 MHz
±10 MHz
30
35
50
60
dB
dB
dB
dB
Complies with EN 300 220 class
2 receiver requirements.
See p. 18 for more details.
Table 5: RF Receive Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com