Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments CC400-RTR2 Datasheet HTML 10Page - Texas Instruments CC400-RTR2 Datasheet HTML 11Page - Texas Instruments CC400-RTR2 Datasheet HTML 12Page - Texas Instruments CC400-RTR2 Datasheet HTML 13Page - Texas Instruments CC400-RTR2 Datasheet HTML 14Page - Texas Instruments CC400-RTR2 Datasheet HTML 15Page - Texas Instruments CC400-RTR2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
CC400
SWRS050
Page 12 of 32
Parameter
Symbol
Min
Max
Units
Conditions
CLOCK,
clock
frequency
FCLOCK
-
2
MHz
CLOCK low
pulse
duration
TCL,min
50
ns
The minimum time CLOCK can be low.
CLOCK high
pulse
duration
TCH,min
50
ns
The minimum time CLOCK can be high.
PDATA setup
time
TSD
5
-
ns
The minimum time data on PDATA must be ready
before the negative edge of CLOCK.
PDATA hold
time
THD
5
-
ns
The minimum time data must be held at PDATA,
after the negative edge of CLOCK.
CLOCK to
STROBE
time
TCS
5
-
ns
The minimum time after the negative edge of
CLOCK before positive edge of STROBE.
STROBE to
CLOCK time
TSC
5
-
ns
The minimum time after the negative edge of
STROBE before negative edge of CLOCK.
STROBE
pulse
duration
TS,min
50
ns
The minimum time STROBE can be high.
Rise time
Trise
100
ns
The maximum rise time for CLOCK and STROBE
Fall time
Tfall
100
ns
The maximum fall time for CLOCK and STROBE
Note: The set-up- and hold-times refer to 50% of VDD.
Table 10: Serial interface, timing specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com