Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 19Page - Texas Instruments CC400-RTR2 Datasheet HTML 20Page - Texas Instruments CC400-RTR2 Datasheet HTML 21Page - Texas Instruments CC400-RTR2 Datasheet HTML 22Page - Texas Instruments CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments CC400-RTR2 Datasheet HTML 26Page - Texas Instruments CC400-RTR2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
CC400
SWRS050
Page 23 of 32
Register A
REGISTER
NAME
Default
value
Active
Description
A[12]
PD
-
H
Power Down
0 = Chip Enable
1 = Chip Disable (only reference oscillator core on)
A[11]
RXTX
-
Receive/Transmit-mode control
0 = Receive mode
1 = Transmit mode
A[10:8]
S[2:0]
000
Synthesiser test modes (apply when TDEM2=0)
Modus (000):
Normal operation: Rx/Tx.
Modus (001):
Divided signal from VCO at PD input monitored at LOCK pin.
Modulation (control of A-counter) is disabled.
Modus (010):
Divided signal from VCO at PD input monitored at LOCK pin.
Modulation (control of A-counter) is enabled.
Modus (011):
Output from reference divider monitored at LOCK pin.
Modus (100):
Signal at TX_DATA pin used as modulation control overriding
the signal from the dual-modulus divider. Output monitored at
LOCK pin.
Modus (101):
Output from prescaler monitored at LOCK pin.
Modulation (A-divider control) disabled.
Modus (110):
Output from prescaler monitored at LOCK pin.
Modulation (A-divider control) disabled.
Modus (111):
Shift register data output monitored at LOCK pin.
A[7:6]
PA[3:2]
-
PA gain programming. Part of PA4:PA0. (PA1:PA0 is in frame
D, PA4 is in frame C)
A[5:4]
LNA[1:0]
10
LNA bias current and gain
00 = 0.94mA=I0
01 = 1.5* I0=1.40mA
10 = 2* I0 =1.87mA (nominal setting)
11 = 3* I0=2.81mA
A[3:2]
MIX[1:0]
10
MIXER bias current and gain
00 = 0.36mA
01 = 0.54mA
10 = 0.72mA (nominal setting)
11 = 1.08mA
A[1:0]
LO[1:0]
10
LO drive (peak-differential = peak-peak single-ended)
00 = 144mV
01 = 288mV
10 = 432mV (nominal setting)
11 = 720mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com