Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 21Page - Texas Instruments CC400-RTR2 Datasheet HTML 22Page - Texas Instruments CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments CC400-RTR2 Datasheet HTML 26Page - Texas Instruments CC400-RTR2 Datasheet HTML 27Page - Texas Instruments CC400-RTR2 Datasheet HTML 28Page - Texas Instruments CC400-RTR2 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
CC400
SWRS050
Page 25 of 32
REGISTER
NAME
Default
value
Active
Description
E[9:8]
PACL[1:0]
-
PA “class”
00 = Class A
01 = Class AB
10 = Class B
11 = Class C
E[7:0]
D[7:0]
-
D-counter
Frequency seperation programming
Register F
REGISTER
NAME
Default
value
Active
Description
F[12:11]
DCLK[1:0]
-
Demodulator shift register clock selection
00 = External clock (25MHz) at TX_DATA.
01 = 12.8 MHz from crystal oscillator
10 = 25 MHz from prescaler
11 = 12.5MHz from prescaler
F[10:9]
DEMIF[1:0]
-
Demodulator phase shift / IF control
00 = 60kHz IF
01 = 200kHz IF
10 = 455kHz IF
11 = Test modes using DCLK1:DCLK0
F[8:6]
TDEM[2:0]
000
Test modes for demodulator. Output is monitored at LOCK
pin. See also S2:S0 in frame A.
TDEM2=0: As described for S2:S0 in frame A
TDEM2=1 : Demodulator test modes.
Modus (000):
Normal setting.
Modus (0XX):
Test as for S2:S0 in frame A monitored at LOCK pin.
Modus (100):
Demodulator input monitored at LOCK pin.
Modus (101):
Phase shifted signal monitored at LOCK pin.
Modus (110):
Phase detector output monitored at LOCK pin.
Modus (111):
Demodulator output at LOCK pin. IF input at TX_DATA.
F[5:3]
PAIMP[2:0]
-
PA capacitor array.
Array is active in RX or TX depending on INVARRAY.
000 = 0pF
001 = 1.25pF
010 = 2.5pF
011 = 3.75pF
100 = 5pF
101 = 6.25pF
110 = 7.5pF
111 = 8.75pF
F[2]
INVARRAY
-
PA capacitor array activation.
0 = Capacitor array active in RX mode
1 = Capacitor array active in TX mode
F[1:0]
PAEC[1:0]
-
PA buffer amplifier drive level
00 = 3mA
01 = 5mA
10 = 8mA
11 = 11mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com