Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 13Page - Texas Instruments CC400-RTR2 Datasheet HTML 14Page - Texas Instruments CC400-RTR2 Datasheet HTML 15Page - Texas Instruments CC400-RTR2 Datasheet HTML 16Page - Texas Instruments CC400-RTR2 Datasheet HTML 17Page - Texas Instruments CC400-RTR2 Datasheet HTML 18Page - Texas Instruments CC400-RTR2 Datasheet HTML 19Page - Texas Instruments CC400-RTR2 Datasheet HTML 20Page - Texas Instruments CC400-RTR2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
CC400
SWRS050
Page 17 of 32
20.
Optional LC Filter
An optional LC filter may be added
between the antenna and the matching
network in certain applications. The filter
will reduce the emission of harmonics and
increase the receiver selectivity.
The filter for use at 433.92 MHz is shown
in Figure 10. The component values may
have to be optimised to include layout
parasitics. The filter is designed for 50
Ω
terminations.
Figure 10: LC filter.
21.
Crystal oscillator
An external clock signal or the internal
crystal oscillator can be used as main
frequency reference. An external clock
signal should be connected to XOSC_Q1,
while XOSC_Q2 should be left open. The
crystal frequency must be in the range 4 -
13 MHz.
Using the internal crystal oscillator, the
crystal must be connected between
XOSC_Q1 and XOSC_Q2. The oscillator
is designed for parallel mode operation of
the crystal. In addition loading capacitors
(C151 and C161) for the crystal are
required. The loading capacitor values
depend on the total load capacitance, CL,
specified for the crystal. The total load
capacitance seen between the crystal
terminals should equal CL for the crystal to
oscillate at the specified frequency.
parasitic
L
C
C
C
C
+
+
=
161
151
1
1
1
The parasitic capacitance is constituted by
the pins input capacitance and PCB stray
capacitance. Typically the total parasitic
capacitance is 4.5 pF. A trimming
capacitor may be placed across C151 for
initial tuning if necessary.
The crystal oscillator circuit is shown in
Figure 11. Typical component values for
different values of CL are given in Table
14.
The initial tolerance, temperature drift,
ageing and load pulling should be carefully
specified in order to meet the required
frequency
accuracy
in
a
certain
application.
By
specifying
the
total
expected frequency accuracy in SmartRF
Studio together with data rate and
frequency separation, the software will
calculate the total bandwidth and compare
to the available IF bandwidth. The
software will report any contradictions and
a
more
accurate
crystal
will
be
recommended if required.
C161
C151
XTAL
XOSC_Q1
XOSC_Q2
Figure 11: Crystal oscillator circuit.
L52
C53
f = 433.92 MHz
C52=15 pF
C53=22 pF
L52=8.2 nH
C52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com