Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 4Page - Texas Instruments CC400-RTR2 Datasheet HTML 5Page - Texas Instruments CC400-RTR2 Datasheet HTML 6Page - Texas Instruments CC400-RTR2 Datasheet HTML 7Page - Texas Instruments CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments CC400-RTR2 Datasheet HTML 10Page - Texas Instruments CC400-RTR2 Datasheet HTML 11Page - Texas Instruments CC400-RTR2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CC400
SWRS050
Page 8 of 32
10.
Pin Assignment
Pin no.
Pin name
Pin type
Description
1
AVDD
Power (A)
Power supply (3V) for analog modules (Mixer, IF, demodulator)
2
AGND
Ground (A)
Ground connection (0V) for analog modules (substrate)
3
AGND
Ground (A)
Ground connection (0V) for analog modules (Mixer, IF,
demodulator)
4
AGND
Ground (A)
Ground connection (0V) for analog modules (LNA and PA)
5
RF_IN
RF Input
RF signal input from antenna (external ac-coupling)
6
RF_OUT
RF output
RF signal output to antenna (external bias)
7
AVDD
Power (A)
Power supply (3V) for analog modules (LNA and PA)
8
AVDD
Power (A)
Power supply (3V) for analog modules (VCO)
9
VCO_IN
Analog input
External VCO-tank input
10
AGND
Ground (A)
Ground connection (0V) for analog modules (VCO)
11
AGND
Ground (A)
Ground connection (0V) for analog modules (Prescaler)
12
CHP_OUT
Analog output
Charge pump current output
13
AVDD
Power (A)
Power supply (3V) for analog modules (Prescaler)
14
AVDD
Power (A)
Power supply (3V) for analog modules (XOSC)
15
XOSC_Q1
Analog input
Crystal, pin 1, or external clock input
16
XOSC_Q2
Analog output
Crystal, pin 2
17
AGND
Ground (A)
Ground connection (0V) for analog modules (XOSC)
18
DGND
Ground (D)
Ground connection (0V) for digital modules (substrate)
19
LOCK
Digital output
PLL Lock Indicator. Output is high when PLL is in lock. Please
refer to chapter “PLL Lock Indicator” on page 16 for a further
description.
20
DGND
Ground (D)
Ground connection (0V) for digital modules (Digital)
21
DVDD
Power (D)
Power supply (3V) for digital modules (Digital)
22
DVDD
Power (D)
Power supply (3V) for digital modules (Guard)
23
DIO
Digital
input/output (bi-
directional)
Data input in transmit mode
Demodulator output in receive mode
24
CLOCK
Digital input
Programming clock for 3-wire bus
25
PDATA
Digital input
Programming data for 3-wire bus
26
STROBE
Digital input
Programming strobe (Load) for 3-wire bus
27
IF_IN
Analog input
Input to IF chain
(from external ceramic filter). The input
impedance is 1.5 k
Ω so a direct connection to an external ceramic
filter is possible
28
IF_OUT
Analog output
Output from first amplifier in IF-chain (to external ceramic filter).
The output impedance is 1.5 k
Ω so a direct connection to an
external ceramic filter is possible
A=Analog, D=Digital
Figure 1: Pin-out top view
1
14
15
AVDD
AGND
AGND
AGND
RF_IN
RF_OUT
AVDD
AVDD
VCO_IN
AGND
AGND
AVDD
CHP_OUT
AVDD
2
3
4
6
5
7
8
9
11
12
13
10
28
IF_OUT
IF_IN
STROBE
PDATA
CLOCK
DIO
DVDD
DVDD
DGND
LOCK
DGND
XOSC_Q2
AGND
XOSC_Q1
27
26
25
23
24
22
21
20
18
17
16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com