Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 2Page - Texas Instruments CC400-RTR2 Datasheet HTML 3Page - Texas Instruments CC400-RTR2 Datasheet HTML 4Page - Texas Instruments CC400-RTR2 Datasheet HTML 5Page - Texas Instruments CC400-RTR2 Datasheet HTML 6Page - Texas Instruments CC400-RTR2 Datasheet HTML 7Page - Texas Instruments CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments CC400-RTR2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CC400
SWRS050
Page 6 of 32
6.
RF Transmit Section
Tc = 25°C, VDD = 3.0V if nothing else stated. Measured on Chipcon’s
CC400DB reference
design.
Parameter
Min.
Typ.
Max.
Unit
Condition
Binary FSK frequency separation
0
10
200
kHz
The frequency corresponding to
the digital "0" is denoted f0, while
f1 corresponds to a digital "1".
The frequency separation is f1-f0.
The RF carrier frequency, fc, is
then given by fc=(f0+f1)/2.
(The frequency deviation is given
by fd=+/-(f1-f0)/2 )
The frequency separation is
programmable in steps of 1 kHz.
Programmable output power
-5
14
dBm
Delivered to matched load.
The output power is
programmable in steps of 1 dB.
RF output impedance
400
Ω ||
3 pF
Transmit mode, parallel
equivalent. For matching details
see “Input/ output matching” p.16.
Harmonics
-30
dBc
When transmitting high output
power levels an external LC or
SAW filter may be used to reduce
harmonics emission to comply
with ISM requirements. See p.
17.
Table 6: RF Transmit Section
7.
IF Section
Parameter
Min.
Typ.
Max.
Unit
Condition
Intermediate frequency (IF)
60
200
455
kHz
kHz
kHz
The IF is programmable. Either
60 kHz, 200 kHz or 455 kHz can
be chosen.
An optional external IF filter can
be used if 455 kHz is chosen.
The impedance level is 1.5 k
Ω
Table 7: IF Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com