Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 18Page - Texas Instruments CC400-RTR2 Datasheet HTML 19Page - Texas Instruments CC400-RTR2 Datasheet HTML 20Page - Texas Instruments CC400-RTR2 Datasheet HTML 21Page - Texas Instruments CC400-RTR2 Datasheet HTML 22Page - Texas Instruments CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments CC400-RTR2 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
CC400
SWRS050
Page 22 of 32
28.
PCB Layout Recommendations
A two layer PCB is highly recommended.
The bottom layer of the PCB should be the
“ground-layer”.
The top layer should be used for signal
routing, and the open areas should be
filled with metallization connected to
ground using several vias.
The ground pins should be connected to
ground as close as possible to the
package pin. The decoupling capacitors
should also be placed as close as possible
to the supply pins and connected to the
ground plane by separate vias.
The external components should be as
small as possible and surface mount
devices should be used.
Precaution should be used when placing
the microcontroller in order to avoid
interference with the RF circuitry.
In most applications the ground plane can
be one common plane, but in certain
applications where the ground plane for
the digital circuitry is expected to be noisy,
the ground plane may be split in an
analogue and a digital part. All AGND pins
and AVDD decoupling capacitors should
be connected to the analogue ground
plane. All DGND pins and DVDD
decoupling capacitors should be
connected to the digital ground. The
connection between the two ground
planes should be implemented as a star
connection with the power supply ground.
The
CC400DB reference design is available
from Chipcon’s web site, and should be
used as a guideline for PCB layout.
29.
Configuration registers
The configuration of
CC400 is done by programming the 8 13-bit configuration registers. The
configuration data based on selected system parameters are most easily found by using the
SmartRF Studio software. A complete description of the registers is given in the following
tables.
REGISTER OVERVIEW
Address
Register Name Description
000
A
Main control register
001
B
General control register
010
C
General control register
011
D
General control register
100
E
General control register
101
F
General control register
110
G
General control register
111
H
General control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com