Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 12Page - Texas Instruments CC400-RTR2 Datasheet HTML 13Page - Texas Instruments CC400-RTR2 Datasheet HTML 14Page - Texas Instruments CC400-RTR2 Datasheet HTML 15Page - Texas Instruments CC400-RTR2 Datasheet HTML 16Page - Texas Instruments CC400-RTR2 Datasheet HTML 17Page - Texas Instruments CC400-RTR2 Datasheet HTML 18Page - Texas Instruments CC400-RTR2 Datasheet HTML 19Page - Texas Instruments CC400-RTR2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
CC400
SWRS050
Page 16 of 32
18.
Output power
The output power is controlled through
several parameters in the configuration
registers. Table 13 shows recommended
settings for the different output powers.
Register
Output power
Class
E9:8
F1:0
C8,A7:6,D12:11
-5
A
00
00
01011
-4
AB
01
00
00100
-3
AB
01
01
00101
-2
AB
01
01
00110
-1
AB
01
01
00111
0
B
10
10
00011
1
B
10
10
00100
2
B
10
10
00101
3
B
10
10
00110
4
B
10
10
00111
5
B
10
10
01000
6
B
10
10
01001
7
B
10
10
01010
8
C
11
11
01001
9
C
11
11
01010
10
C
11
11
01100
11
C
11
11
01111
12
C
11
11
10001
13
C
11
11
10101
14
C
11
11
11011
Table 13: Output power settings.
19.
Input / Output Matching
Four
passive
external
components
combined with the internal T/R switch
circuitry ensures match in both RX and TX
mode. The matching network for 433.92
MHz is shown in Figure 9. The component
values may have to be optimised to
include
layout
parasitics.
Matching
components for other frequencies can be
found using the configuration software.
See
also
Application
Note
AN013
“Matching CC400 CC900” for more details.
L61
C61
RF_IN
RF_OUT
AVDD
TO ANTENNA
C51
L51
CC400
C51=220 pF
C61=12 pF
L51=39 nH
L61=6.8 nH
f = 433.92 MHz
Figure 9: Input/output matching network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com