Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 20Page - Texas Instruments CC400-RTR2 Datasheet HTML 21Page - Texas Instruments CC400-RTR2 Datasheet HTML 22Page - Texas Instruments CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments CC400-RTR2 Datasheet HTML 26Page - Texas Instruments CC400-RTR2 Datasheet HTML 27Page - Texas Instruments CC400-RTR2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
CC400
SWRS050
Page 24 of 32
Register B
REGISTER
NAME
Default
value
Active
Description
B[12:11]
AB[1:0]
00
Antibacklash pulse width
00 = 0ns (nominal setting)
01 = 2.7ns
10 = 4.8ns
11 = 10.9ns
Tolerance (+200% / - 70%)
B[10:7]
A[3:0]
-
A-counter
B[6:0]
M[6:0]
-
M-counter
Register C
REGISTER
NAME
Default
value
Active
Description
C[12]
RESSYN
0
Synthesiser reset
0 = Normal operation
1 = Reset synthesiser
C[11:9]
V[3:1]
-
VCO gain programmering.
LSB-bit VO = “0”.
000= maximum gain
111=minimum gain
Reduce gain to reduce LO spurious emission
C[8]
PA[4]
-
PA gain programmering. Part of PA4:PA0
C[7]
FSIG
-
Charge pump polarity
0 = Add charge when VREF leads FVCO (Normal)
1 = Sink charge when VREF leads FVCO
C[6:5]
CHP[1:0]
10
Charge pump current:
00 = 10
µA
01 = 20
µA
10 = 40
µA (nominal setting)
11 = 80
µA
C[4]
PDX
-
H
Reference oscillator power down
0 = Power on even during main power down
1 = Power down (during main power down)
C[3:0]
R[3:0]
-
R-divider
Register D
REGISTER
NAME
Default
value
Active
Description
D[12:11]
PA[1:0]
-
PA gain programming. Part PA4
D[10:0]
K10:0]
-
K-counter
K10 er sign bit (0=positive, 1 negative).
Negative K must be 2’s complement
Register E
REGISTER
NAME
Default
value
Active
Description
E[12]
LW
0
PLL Lock-Window tolerance
0 = 21ns (Normal setting)
1 = 44ns
E[11]
LM
-
Lock mode
(Lock is reset when PLL is reprogrammed).
0 = Single shot
1 = Continuous
E[10]
LH
-
Lock detection enable
0 = Lock detection enabled
1 = Lock detection disabled (LOCK=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com