Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 18 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 18 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 14Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 15Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 16Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 17Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 18Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 19Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 20Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 21Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
25CSM04
DS20005817D-page 18
 2019-2022 Microchip Technology Inc. and its subsidiares
5.0
WRITE ENABLE AND DISABLE
5.1
Write Enable Instruction (WREN)
The Write Enable Latch (WEL) bit of the STATUS
register must be set to a logic ‘1’ prior to each WRSR,
WRITE, WREX, LOCK, PPWE, WMPR, PPAB and FRZR
instructions. Some of these sequences need further
instructions prior to being executed and are noted in
their corresponding section. The WEL bit is set to a
logic ‘1’ by sending a WREN (06h) instruction to the
25CSM04. First, the CS pin is driven low to select the
device and then a 06h instruction is clocked in on the
SI pin. Then the CS pin is driven high. The WEL bit will
be immediately updated in the STATUS register to a
logic ‘1’.
The WEL bit will be reset to a logic ‘0’ in the following
circumstances:
• Upon power-up as the power-on default condition
is the Write Disable state (Section 1.2.2 “Device
Factory Default Condition”)
• The successful completion of any write sequence
(WRITE, WRSR, WREX, LOCK, WMPR, PPAB, FRZR)
• Executing a Write Disable (WRDI) instruction
(Section 5.2
“Write
Disable
Instruction
(WRDI)”)
• Executing a Software Device Reset (SRST)
instruction
FIGURE 5-1:
WRITE ENABLE (WREN) INSTRUCTION
5.2
Write Disable Instruction (WRDI)
To protect the device against inadvertent write
sequences, the Write Disable (04h) instruction disables
all programming modes by setting the WEL bit to a
logic ‘0’. The WRDI instruction is independent of the
WP pin state.
FIGURE 5-2:
WRITE DISABLE (WRDI) INSTRUCTION
SCK
0
2
3
456
7
1
High-Impedance
SO
CS
SI
WREN Opcode (06h)
0
0
000
1
1
0
MSb
SCK
0
234
567
1
High-Impedance
SO
CS
SI
WRDI Opcode (04h)
00
0
0
0
1
0
0
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com