Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 38 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 38 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 34Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 35Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 36Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 37Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 38Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 39Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 40Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 41Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
25CSM04
DS20005817D-page 38
 2019-2022 Microchip Technology Inc. and its subsidiares
10.2.2
MEMORY PARTITION REGISTER
WRITE DISABLE (PRWD)
A Partition Register Write Disable (PRWD) instruction is
also available (opcode 0Ah) which will reset the PREL
bit in the STATUS register to a logic ‘0’ state.
FIGURE 10-4:
PARTITION REGISTER WRITE DISABLE (PRWD) INSTRUCTION
10.2.3
WRITING TO THE MEMORY
PARTITION REGISTERS
Once the WEL and PREL bits in the STATUS register
have been set to ‘1’, the Memory Partition registers can
be programmed provided that the FMPC bit in the
STATUS register has not already been set to a logic ‘1’
by executing the FRZR sequence (Section 4.5.4
“Freeze
Memory
Protection
Configuration
(FRZR)”).
Writing to the MPRs uses the WMPR instruction. To
issue the WMPR instruction, the CS pin must first be
asserted and then the opcode 32h must be clocked into
the device on the SI line, followed by three address
bytes containing the Memory Partition register address
that corresponds with the desired Memory Partition
register number embedded in bits A18, A17 and A16
(Table 10-3).
Following the address information, a data byte using
the register definition shown in Register 10-1 must be
sent to the device followed by deasserting the CS line.
The device will enter an internal write cycle and once
complete, the WEL and PREL STATUS register bits are
automatically reset to logic ‘0’.
Any additional data clocked into the device after the
first byte of data will cause the instruction to be ignored
as only one MPR can be programmed at a time.
Termination of the sequence at somewhere other than
an 8-bit boundary will cause the instruction to be
ignored. This sequence is depicted in Figure 10-5.
The MPR Partition Endpoint Address values must be
loaded sequentially in each register as the eight MPRs
are decoded sequentially by the device, starting with
MPR0. If a higher order MPR sets a Partition Endpoint
Address less than or equal to the ending address of a
lower order MPR, that higher order MPR is ignored and
no behavior is set by its contents.
FIGURE 10-5:
WRITE MEMORY PARTITION REGISTERS (WMPR) SEQUENCE
SCK
02
3
4
5
6
7
1
High-Impedance
SO
CS
SI
PRWD Opcode (0Ah)
0
0
0
0
10
10
MSb
CS
SO
High-Impedance
0 0 1 1 00
10
WMPR Opcode (32h)
Address Bits A23-A0
(MPR in A18-A16)(2)
XX X X
A18
SI
D7 D6 D5 D4 D3 D2 D1 D0
Data In
MSb
MSb
MSb
XX X
X
X
SCK
1
0
234
567
9 10 11 12
39
38
37
36
35
34
32
31
30
29
833
TWC(1)
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
2:
Address bits A23-A19 and A15-A0 are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com