Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 14 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 10Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 11Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 12Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 13Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 14Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 15Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 16Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 17Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
25CSM04
DS20005817D-page 14
 2019-2022 Microchip Technology Inc. and its subsidiares
4.3
Device Opcodes
4.3.1
SERIAL OPCODE
After the device is selected by driving CS low, the first
byte sent must be the opcode that defines the
sequence to be performed.
The 25CSM04 utilizes an 8-bit instruction register. The
list of instructions and their operation opcodes are
contained in Table 4-1. All instructions, addresses and
data are transferred with the MSb first and are initiated
with a high-to-low CS transition.
TABLE 4-1:
INSTRUCTION SET FOR 25CSM04
Instruction
Instruction Description
Opcode
Address
Bytes
Data
Bytes
Reference
Section
STATUS Register Instructions
RDSR
Read STATUS Register
05h
0000 0101
01 or 2
6.2
WRBP
Write Ready/Busy Poll
08h
0000 1000
01
6.1.4.1
WREN
Set Write Enable Latch (WEL)
06h
0000 0110
00
5.1
WRDI
Reset Write Enable Latch (WEL)
04h
0000 0100
00
5.2
WRSR
Write STATUS Register
01h
0000 0001
01 or 2
6.3
EEPROM and Security Register Instructions
READ
Read from EEPROM Array
03h
0000 0011
31+
7.1
WRITE
Write to EEPROM Array (1 to 256 bytes)
02h
0000 0010
31+
8.0
RDEX
Read from the Security Register
83h
1000 0011
31+
9.1
WREX
Write to the Security Register
82h
1000 0010
31+
9.2
LOCK
Lock the Security Register (permanent)
82h
1000 0010
31
9.2.1
CHLK
Check Lock Status of Security Register
83h
1000 0011
31
9.2.2
Memory Partition Register Instructions
RMPR
Read Contents of Memory Partition Registers
31h
0011 0001
31
10.3
PRWE
Set Memory Partition Write Enable Latch
07h
0000 0111
00
10.2.1
PRWD
Reset Memory Partition Write Enable Latch
0Ah
0000 1010
00
10.2.2
WMPR
Write Memory Partition Registers
32h
0011 0010
31
10.2.3
PPAB
Protect Partition Address Boundaries
34h
0011 0100
31
10.1.3
FRZR
Freeze Memory Protection Configuration (per-
manent)
37h
0011 0111
31
4.5.4
Identification Register Instructions
SPID
Read the SPI Manufacturer ID Data
9Fh
1001 1111
05
11.1
Device Reset Instruction
SRST
Software Device Reset
7Ch
0111 1100
00
1.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com