Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 1 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 1 Page - Microchip Technology

  25CSM04T-I/CS0668 Datasheet HTML 1Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 2Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 3Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 4Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 5Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 6Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 7Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 8Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 1
25CSM04
Features
• 4-Mbit Serial EEPROM:
- 524,288 x 8 organization
- Page size of 256 bytes
- Byte or sequential reads
- Byte or page writes
- Self-timed write cycle (5 ms maximum)
• Security Register:
- Preprogrammed 128-bit serial number
- 256-byte user-programmable lockable ID
page
• Built-in Error Correction Code (ECC) Logic:
- ECC Status bit via the STATUS register
• JEDEC® SPI Manufacturer Read ID Support
• High-Speed Clock Frequency:
- 8 MHz at VCC ≥ 3.0V
- 5 MHz at VCC ≥ 2.5V
• Legacy Write Protection Mode:
- Block protection functionality (quarter, half or
entire memory array)
• Enhanced Write Protection Mode:
- User-definable memory partitions
- Each partition can be set independently and
have unique protection behavior
• Low-Power CMOS Technology:
- Voltage range: 2.5V to 5.5V
- Write current: 3.0 mA at 5.0V
- Read current: 3.0 mA at 5.0V, 8 MHz
- Standby current: 1.0 µA at 2.5V (I-Temp.)
• High Reliability:
- More than one million erase/write cycles
- Built-in ECC logic for increased reliability
- Data retention: >100 years
- ESD protection: >4000V
• Available Temperature Ranges:
- Industrial (I): -40°C to +85°C
Packages
• 8-Lead SOIC, 8-Pad TDFN-S and 8-Ball CSP
packages
Package Types (not to scale)
Pin Function Table
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect Pin
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
8-Lead SOIC
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
8-Pad TDFN-S
CS
SO
VSS
HOLD
SI
VCC
8
7
5
1
2
4
WP 3
SCK
6
8-Ball CSP
SI
SO
SCK
WP
VCC
CS
HOLD
VSS
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number
and Enhanced Write Protection


Similar Part No. - 25CSM04T-I/CS0668

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25CS160 MICROCHIP-25CS160 Datasheet
1Mb / 53P
16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
01/2026
25CS160-E/MS MICROCHIP-25CS160-E/MS Datasheet
1Mb / 53P
16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
01/2026
25CS160-E/OT MICROCHIP-25CS160-E/OT Datasheet
1Mb / 53P
16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
01/2026
25CS160-E/Q4B MICROCHIP-25CS160-E/Q4B Datasheet
1Mb / 53P
16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
01/2026
25CS160-E/SN MICROCHIP-25CS160-E/SN Datasheet
1Mb / 53P
16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
01/2026
More results

Similar Description - 25CSM04T-I/CS0668

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
128-Bit Serial EEPROM
logo
ON Semiconductor
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
logo
STMicroelectronics
M95M04-DR STMICROELECTRONICS-M95M04-DR Datasheet
843Kb / 46P
4-Mbit serial SPI bus EEPROM
October 2019 Rev 1
logo
Microchip Technology
24CS512 MICROCHIP-24CS512 Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
logo
NXP Semiconductors
NXH5104 NXP-NXH5104 Datasheet
1Mb / 37P
4 Mbit Serial SPI EEPROM
Rev. 6.3 ??3 July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com