Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 21 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 17Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 18Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 19Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 20Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 21Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 22Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 23Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 24Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 21
25CSM04
When the device is hardware write-protected, the
nonvolatile bits of the STATUS register (WPEN, BP1,
BP0, WPM, FMPC, PABP) become read-only and the
Write STATUS Register (WRSR), Freeze Memory
Protection Configuration (FRZR) and Protect Partition
Address Boundaries (PPAB), Write Memory Partition
Registers (WMPR) and Lock the Security Register
(LOCK) instructions will not be accepted.
6.1.2
BLOCK WRITE-PROTECT BITS
The 25CSM04 contains four levels of EEPROM write
protection using the Block Protection function. The
nonvolatile Block Write-Protect bits (BP1, BP0) are
located in bits three and two of the first STATUS
register byte and define the region of the EEPROM and
Security register that are to be treated as read-only.
These values are only valid if the device has been set
to Legacy Write Protection mode via the WPM STATUS
register bit (byte 1, bit 7).
The four levels of array protection are:
• Level 0 – No portion of the EEPROM is protected,
while the lower 256 bytes of the Security register
are read-only.
• Level 1 – The upper quarter address range is
write-protected meaning the highest order 1 Mbits
in the EEPROM are read-only. The lower
256 bytes of the Security register are read-only.
• Level 2 – The upper half address range is
write-protected meaning the highest order 2 Mbits
in the EEPROM are read-only. The lower
256 bytes of the Security register are read-only.
• Level 3 – Both the EEPROM and Security
register
are
write-protected
meaning
all
addresses are read-only.
The address ranges that are protected for each Block
Write Protection level and corresponding STATUS
register control bits are shown in Table 6-2.
TABLE 6-1:
REGISTER BEHAVIOR IN LEGACY WRITE PROTECTION AND ENHANCED WRITE
PROTECTION MODES
Write Protection
Mode
WP Pin
WPEN Bit
STATUS Register
Memory Partition
Registers
Legacy or
Enhanced
Low
0
Not Protected
Not Protected
Low
1
Protected
Protected
High
X
Not Protected
Not Protected
Note:
When the WPEN bit is a logic ‘1’, it cannot be changed back to a logic ‘0’, as long as the WP pin is asserted
(low).
TABLE 6-2:
BLOCK WRITE-PROTECT BITS
Level
STATUS Register Byte 0
Bits [3:2]
Protected Address Range
BP1
BP0
Memory Region
25CSM04
0
00
EEPROM
None
Security Register
00000h-000FFh
1
01
EEPROM
60000h-7FFFFh
Security Register
00000h-000FFh
2
10
EEPROM
40000h-7FFFFh
Security Register
00000h-000FFh
3
11
EEPROM
00000h-7FFFFh
Security Register
00000h-001FFh
Note:
The Block Protection mechanism will only function with the WPM bit of the STATUS register (bit 7, byte 1)
set to a logic ‘0’, indicating Legacy Write Protection mode. If the WPM is set to logic ‘1’, the device will
respond in accordance with the Enhanced Write Protection mode. For more details on the Enhanced Write
Protection mode, refer to Section 10.1 “Enhanced Write Protection Mode”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com