Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 26 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 26 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 22Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 23Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 24Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 25Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 26Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 27Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 28Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 29Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
25CSM04
DS20005817D-page 26
 2019-2022 Microchip Technology Inc. and its subsidiares
7.0
READ SEQUENCES
7.1
Reading from the EEPROM
Reading the EEPROM contents can be done whenever
the device is not in an internal write cycle, as indicated
by the Ready/Busy bit of the STATUS register. To read
the EEPROM, first the CS line is pulled low to select the
device and the READ (03h) instruction is transmitted via
the SI line followed by the 24-bit address to be read.
Address bits A23 through A19 are “don’t care” bits
because they do not fall within the addressable
memory range.
Upon completion of the 24-bit address, any data on the
SI line will be ignored. The data (D7–D0) at the
specified address is then shifted out onto the SO line. If
only one byte is to be read, the CS line should be driven
high after the data are clocked out.
The read sequence can be continued since the byte
address is automatically incremented and data will
continue to be shifted out. When the highest address is
reached, the address counter will “rollover” to the
lowest address (000000h) allowing the entire memory
to be read in one continuous read cycle regardless of
the starting address.
The read sequence can be terminated at any point of
the sequence (drive CS high).
FIGURE 7-1:
READ EEPROM (READ) SEQUENCE
CS
SCK
1
0
2 34
567
8
910 11 12
40 41
39
38
37
36
35
34
33
32
31
30
29
00 000 0 1 1
AA A
READ Opcode (03h)
Address Bits A23-A0
XX XX X A
SI
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6
Data Byte 1
SO
MSb
MSb
MSb
MSb
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com