Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 5 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 5 Page - Microchip Technology

  25CSM04T-I/CS0668 Datasheet HTML 1Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 2Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 3Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 4Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 5Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 6Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 7Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 8Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 5
25CSM04
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I): TA = -40°C to +85°C
VCC = 2.5V to 5.5V
Param.
No.
Symbol
Characteristic
Minimum Maximum
Units
Test Conditions
1FCLK
Clock Frequency
—8
MHz
VCC ≥ 3.0V
—5
MHz
VCC ≥ 2.5V
2TCSS
CS Setup Time
30
—
ns
VCC ≥ 3.0V
60
—
ns
VCC ≥ 2.5V
3TCSH
CS Hold Time
30
—
ns
VCC ≥ 3.0V
60
—
ns
VCC ≥ 2.5V
4TCSD
CS Disable Time
30
—
ns
VCC ≥ 3.0V
60
—
ns
VCC ≥ 2.5V
5TSU
Data Setup Time
10
—
ns
VCC ≥ 3.0V
20
—
ns
VCC ≥ 2.5V
6THD
Data Hold Time
10
—
ns
VCC ≥ 3.0V
20
—
ns
VCC ≥ 2.5V
7TR
CLK Rise Time
—
50
ns
Note 1
8TF
CLK Fall Time
—
50
ns
Note 1
9THI
Clock High Time
40
—
ns
VCC ≥ 3.0V
80
—
ns
VCC ≥ 2.5V
10
TLO
Clock Low Time
40
—
ns
VCC ≥ 3.0V
80
—
ns
VCC ≥ 2.5V
11
TCLD
Clock Delay Time
50
—
ns
12
TCLE
Clock Enable Time
50
—
ns
13
TV
Output Valid from Clock Low
—40
ns
VCC ≥ 3.0V
—80
ns
VCC ≥ 2.5V
14
THO
Output Hold Time
0
—
ns
Note 1
15
TDIS
Output Disable Time
—40
ns
VCC ≥ 3.0V
—80
ns
VCC ≥ 2.5V
16
THS
HOLD Setup Time
10
—
ns
VCC ≥ 3.0V
20
—
ns
VCC ≥ 2.5V
17
THH
HOLD Hold Time
10
—
ns
VCC ≥ 3.0V
20
—
ns
VCC ≥ 2.5V
18
THZ
HOLD Low to Output High Z
—40
ns
VCC ≥ 3.0V (Note 1)
—80
ns
VCC ≥ 2.5V (Note 1)
19
THV
HOLD High to Output Valid
—40
ns
VCC ≥ 3.0V
—80
ns
VCC ≥ 2.5V
20
TWC
Internal Write Cycle Time
—
5
ms
Note 2
Note 1: This parameter is not tested but ensured by characterization.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle
is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com