Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 16 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 12Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 13Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 14Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 15Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 16Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 17Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 18Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 19Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
25CSM04
DS20005817D-page 16
 2019-2022 Microchip Technology Inc. and its subsidiares
4.5.3
WRITE-PROTECT PIN FUNCTION
While in both Legacy Write Protection mode and
Enhanced Write Protection mode, writing to the
STATUS register and the Memory Partition registers
can be inhibited by enabling the WPEN bit in the
STATUS register. When the WPEN function is enabled,
the contents of these registers will be protected when
the WP pin is asserted (low). In order for these
registers to be protected, the WP pin must be asserted
for the entire CS valid time. Details about the WPEN
function are provided in Section 6.1.1 “Write-Protect
Enable Bit”.
If the internal write cycle has already been initiated, WP
pin going low will have no effect on any write sequence.
The WP pin function is blocked when the WPEN bit in
the STATUS register is a logic ‘0’. This will allow the
user to install the 25CSM04 device in a system with the
WP pin tied to VSS and still be able to write to the
STATUS register. All WP pin functions are enabled
when the WPEN bit is set to a logic ‘1’.
4.5.4
FREEZE MEMORY PROTECTION
CONFIGURATION (FRZR)
The current state of the Memory Partition registers and
write protection mode can be permanently frozen so
that no further modification of their contents is possible.
This is accomplished by the use of the Freeze Memory
Protection Configuration (FRZR) instruction. For addi-
tional information on the Memory Partition registers,
refer to Section 10.0 “Memory Partition Functional-
ity”.
Before a FRZR instruction can be issued, first a WREN
instruction must be issued to set the WEL bit in the
STATUS register to a logic ‘1’, followed by a PRWE
instruction to set the PREL bit to a logic ‘1’ as well.
Once these two steps are complete, the FRZR instruc-
tion can be sent to the device.
To freeze the state of the Memory Protection
Configuration with the FRZR instruction, the CS pin
must be driven low, followed by sending an opcode of
37h to the device on the SI line. Next, an address of
AA40h is sent, followed by a confirmation data byte of
D2h. Upon deasserting the CS pin, the device will
begin a self-timed internal write cycle to set the FMPC
bit, freeze all eight Memory Partition registers and the
Write Protection Mode (WPM) bit in the STATUS
register.
Once the write cycle is completed, the PREL bit and
WEL bit in the STATUS register will be reset back to the
logic ‘0’ state, the WPM STATUS register bit (bit 7, byte
1) will be permanently set to its current state and the
FMPC STATUS register bit (bit 5, byte 1) will be
permanently set to a logic ‘1’ to indicate that the
Memory Protection Configuration has been frozen. If
the registers and WPM bit have already been frozen,
any attempt to issue the FRZR instruction will be
ignored. The device will return to the Idle state once the
CS pin has been deasserted.
Note:
The Write-Protect Enable (WPEN) and
Block Protection (BP[1:0]) bits are not
affected by the FRZR instruction.
Note:
The FRZR instruction will be ignored if the
WPEN Bit (byte 0, bit 7) of the STATUS
register is set to a logic ‘1’ and the WP pin
is asserted.
Note:
Once the Memory Partition Registers and
WPM bit have been frozen, it will be
impossible to change their state.
Note:
If the CS pin is deasserted before the end
of the 40-bit sequence, the instruction will
be aborted and no write cycle will take
place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com