Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 24 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 20Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 21Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 22Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 23Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 24Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 25Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 26Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 27Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
25CSM04
DS20005817D-page 24
 2019-2022 Microchip Technology Inc. and its subsidiares
6.2
Read STATUS Register (RDSR)
The Read STATUS Register (RDSR) instruction
provides access to the contents of the STATUS
register. The STATUS register is read by asserting the
CS pin followed by sending in a 05h opcode. The
device will return the 16-bit STATUS register value on
the SO pin.
The STATUS register can be continuously read for data
by continuing to read beyond the first 16-bit value
returned. The 25CSM04 will update the value of the
volatile bits (RDY/BSY, WEL and PREL) in the STATUS
register at byte boundaries, thereby allowing new
STATUS register volatile bit values to be read without
having to issue a new RDSR instruction.
A new RDSR instruction needs to be initiated in order for
the nonvolatile bits (WPEN, BP0, BP1 and WPM) in the
STATUS register to be updated.
FIGURE 6-2:
READ STATUS REGISTER (RDSR) SEQUENCE
SI
910 11
14 15
SCK
0
2
3
4
5
6
7
1
8
0 000010 1
RDSR Opcode (05h)
12 13
16 17 18 19 20 21 22 23
D7
D5
D6
D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
STATUS Register Byte 0
STATUS Register Byte 1
SO
CS
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com