Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/CS0668 Datasheet(PDF) 35 Page - Microchip Technology

Part # 25CSM04T-I/CS0668
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/CS0668 Datasheet(HTML) 35 Page - Microchip Technology

Back Button 25CSM04T-I/CS0668 Datasheet HTML 31Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 32Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 33Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 34Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 35Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 36Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 37Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 38Page - Microchip Technology 25CSM04T-I/CS0668 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 35
25CSM04
10.1.3
PROTECTING THE PARTITION
ENDPOINT ADDRESSES
The 25CSM04 includes the ability to protect the
Partition Endpoint Addresses specified in the device’s
eight MPRs from being modified. When the protection
is enabled, the Partition Behavior bits of the MPR can
still be modified. As shown in Table 10-2, this function
becomes redundant if the FMPC bit in the STATUS
register (bit 5, byte 1) is a logic ‘1’ as the result of a
FRZR sequence (see Section 4.5.4 “Freeze Memory
Protection Configuration (FRZR)”) since the FRZR
sequence locks all Partition Endpoint Addresses and
Partition Behavior bits.
REGISTER 10-1:
MEMORY PARTITION REGISTERS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PB1
PB0
A18
A17
A16
A15
A14
A13
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
PB[1:0]: Partition Behavior bits(1)
00 = Partition is open and writing is permitted.
01 = Partition is always write-protected but can be reversed at a later time (software write-protected).
10 = Partition is write-protected only when WP pin is asserted (hardware write-protected).
11 = Partition is software write-protected and Memory Partition register is permanently locked.
bit 5-0
A[18:13]: Partition Endpoint Address bits(1, 2)
000000 = Endpoint address of partition is set to 01FFFh.
000001 = Endpoint address of partition is set to 03FFFh.
•
•
•
111110 = Endpoint address of partition is set to 7DFFFh.
111111 = Endpoint address of partition is set to 7FFFFh.
Note 1: The Memory Partition registers cannot be written if the FMPC bit has been set.
2: The Partition Endpoint Address bits cannot be written if the PABP bit has been set.
TABLE 10-1:
EXAMPLE USE OF MEMORY PARTITION REGISTERS
Register Content
Partition
Behavior Bits
(Bit 7-6)
Partition
Protection
Register
Protection
Partition
Ending
Address Bits
(Bit 5-0)
Partition
Ending
Memory
Address
Partition Size and
Address Range
MPR0
43h
01b
Software
Protection
Unlocked
000011b
07FFFh
256-Kbit partition
000000h-007FFFh
MPR1
C4h
11b
Software
Protection
Locked
000100b
09FFFh
64-Kbit partition
008000h-009FFFh
MPR2(1)
03h
00b
Unprotected
Unlocked
000011b
07FFFh
Register ignored
MPR3
8Fh
10b
Hardware
Protection
Unlocked
001111b
01FFFFh
704-Kbit partition
00A000h-01FFFFh
Note 1: In this example, MPR2 is ignored because its Partition Endpoint Address was not greater than the ending
address specified by MPR1.
Note:
The PPAB instruction will be ignored if the
WPEN bit (byte 0, bit 7) of the STATUS
register is set to a logic ‘1’ and the WP pin
is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com