Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 32Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 33Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 34Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 35Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 36Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 37Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 38Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 39Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
User Manual
36 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
Bill of material
6
Bill of material
Table 14 provides the complete bill of materials for the EVAL-M3-102T board.
Table 14
Bill of materials
No. Qty. Part description
Designator Part Number
Manufacturer
1
3
CAP SMD 2.2nF 16V 0603
C1, C6,C8 CC0603KRX5R6BB10
6
Yageo
2
9
CAP SMD 0.1uF 16V 0603
C2, C3, C4,
C5, C7,C10,
C11, C13,
C19
885012206020
Wurth Electronics Inc.
3
5
CAP SMD 4.7nF 16V 0603
C9,
C16,C20,
C22, C23
885012206012
Wurth Electronics Inc.
4
5
CAP SMD 10uF 16V 0603
C12, C18,
C105,
C114, C115
885012206014
Wurth Electronics Inc.
5
1
CAP SMD 10nF 16V 0603
C14
885012206010
Wurth Electronics Inc.
6
4
CAP SMD 220pF 16V 0603
C15, C17,
C21, C24
885012206020
Wurth Electronics Inc.
7
7
CAP SMD 100nF 16V 0603
C101,
C102,
C103,
C104,
C108,
C110, C111
885012206004
Wurth Electronics Inc.
8
2
CAP SMD 15pF 16V 0603
C106, C107 885012206020
Wurth Electronics Inc.
9
2
CAP SMD 1uF 16V 0603
C109, C113 885012006003
Wurth Electronics Inc.
10
1
CAP SMD 4.7uF 16V 0603
C112
885012206026
Wurth Electronics Inc.
11
1
RES SMD 1/10W 47ohm 0603 5%
R1
RC0603JR-0747RL
Yageo
12
2
RES SMD 1/10W 9.1Kohm 0603 5% R2,R101
RC0603JR-079K1L
Yageo
13
2
RES SMD 1/10W 2Kohm 0603 5%
R3, R102
RC0603JR-072KL
Yageo
14
1
RES SMD 1/10W 13.3kohm 0603
1%
R4
RC0603FR-0713K3L
Yageo
15
1
RES SMD 1/10W 4.87kohm 0603
1%
R5
RC0603FR-074K87L
Yageo
16
1
RES SMD 1/10W 12Kohm 0603 1%
R6
RC0603FR-0712KL
Yageo
17
2
RES SMD 1/10W 1Kohm 0603 1%
R7, R25
RC0603FR-071KL
Yageo
18
1
RES SMD 1/10W 24Kohm 0603 1%
R8
RC0603FR-0724KL
Yageo
19
1
RES SMD 1/10W 470 ohm 0603 1%
R9
RC0603FR-07470RL
Yageo
20
4
RES SMD 1/10W 10Kohm 0603 1%
R10, R14,
R17, R108
RC0603FR-0710KL
Yageo
21
2
RES SMD 1/10W 15Kohm 0603 1%
R11, R16
RC0603FR-0715KL
Yageo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com