Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
User Manual
12 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-102T main features
Table 5 includes the detail of UART connectors.
Table 5
J2- UART Connector
Pin
Name
Pin Name Connectors
1
TXD0
Serial port 0 Output, IMC102T-T064 transmit data to master controller
2
RXD0
Serial port 0 Input, IMC102T-T064 receive data from master controller
3
+3.3V
+3.3V power supply
4
GND
Ground
5
GND
Ground
6
+3.3V
+3.3V power supply
7
TXD1
Serial port 1 Input, IMC102T-T064 transmit data to master controller
8
RXD1
Serial port 1 Output, IMC102T-T064 receive data from master controller
Table 6, Table 7, Table 8, 0, Table 10, Table 11 and Table 12 include the details of test signal pin connectors.
Table 6
Digital signal test pins J3
Pin
Name
Pin Name Connectors
1
GPIO8
Digital input/output 8
2
PAR3
Parameter page select bit 3
3
GPIO7
Digital input/output 7
4
PAR1
Parameter page select bit 1
5
PAR2
Parameter page select bit 2
6
PAR0
Parameter page select bit 0
Table 7
Digital signal test pins J4
Pin
Name
Pin Name Connector
1
GPIO26
Digital input/output 26
2
GPIO27
Digital input/output 27
3
GPIO28
Digital input/output 28
4
GPIO29
Digital input/output 29
Table 8
Digital signal test pins J5
Pin
Name
Pin Name Connector
1
GPIO18
Digital input/output 18
2
GPIO19
Digital input/output 19
3
GPIO20
Digital input/output 20
4
GPIO21
Digital input/output 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com