| Electronic Components Datasheet Search |
|
12MHZ/S/3.2X2.5 Datasheet(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
12MHZ/S/3.2X2.5 Datasheet(HTML) 15 Page - Infineon Technologies AG |
|
15 / 41 page ![]() User Manual 15 of 41 Revision 1.6 2019-07-16 EVAL-M3-102T User Manual iMOTION™ Modular Application Design Kit Getting Started with EVAL-M3-102T drive parameter set into your project directory by clicking “Export to Designer file (.txt)”. Saved Drive System Parameter File will be later used by the MCEDesigner. Refer to Chapter 4.2.1 or MCEWizard User Guide for more details. 5. Connect motor phase outputs to the motor. 6. Connect AC power to power input connector and power on system. 7. Start MCEDesigner tool and open MCEDesigner default configuration file (.irc) for IMC102T-F064 controller (IMC102T_Vxxx.irc) by clicking “File” > “Open”. IMC102T_Vxxx.irc file is included in ”IMC102T-F064 MCE Software Package” downloaded in step 1. 8. MCEDesigner should automatically connect to the EVAL-M3-102T control board using default COM port (Indicated by green circle next to “COMx Up” status in the bottom frame of the MCEDesigner GUI). If it cannot establish the connection, change COM port by doing following steps: (“System” window active) > Preferences > Connection > Connect using (Chose one of the other available COM ports from the drop-down menu). 9. In case the IMC102T-F064 IC on the EVAL-M3-102T is empty (not programmed), which will be indicated by the pop-up window message after connecting to the MCEDesigner, then use following steps to program the firmware and the system parameters into the internal SRAM of iMOTION™ IC: Click “Tools” > “Programmer” and select “Program Firmware and Parameters”. Browse and select the IMC102T-F064_A_Vxxx.ldf file which was included in the IMC102T-F064 MCE Software Package” downloaded in step 1. Then browse and select the System Drive Parameters .txt file created in step 4. See chapter MCEDesigner setup overview 4.2.2 for more details. 10. Use following steps to program the system parameters into the internal SRAM of iMOTION™ IC: Click “Tools” > “Programmer” and select “Program Parameters”. Browse and select the System Drive Parameters .txt file created in step 4. See chapter MCEDesigner setup overview 4.2.2 for more details. 11. Start the motor by clicking the green traffic light button in the control bar. Figure5 SystemconnectionexampleusingEVAL-M3-102TandEVAL-M3-CM615PN PC-USB Connector Motor Phase Outputs AC Power Input PFC Inductor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |