Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 33Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 34Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 35Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 36Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 37Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 38Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 39Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 40Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
User Manual
37 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty. Part description
Designator Part Number
Manufacturer
22
3
RES SMD 1/10W 100ohm 0603 1%
R12, R18,
R20
RC0603FR-07100RL
Yageo
23
3
RES SMD 1/10W 2Kohm 0603 1%
R13, R19,
R21
RC0603FR-072KL
Yageo
24
5
RES SMD 0ohm 1/10W 0603 5%
R22, R23,
R24, R110,
R111
RC0603JR-070RL
Yageo
25
1
RES SMD100ohm 1/10W 0603 5%
R26
RC0603JR-07100RL
Yageo
26
1
RES SMD 1/10W 10kohm 0603 5%
R103
RC0603JR-0710KL
Yageo
27
2
RES SMD 1/10W 33ohm 0603 5%
R104,R106
RC0603JR-0733RL
Yageo
28
1
RES SMD 1/10W 510ohm 0603 1%
R105
RC0603FR-07510RL
Yageo
29
1
RES SMD 1/10W 4.7Kohm 0603 1% R107
RC0603FR-074K7L
Yageo
30
1
RES SMD 1/10W 1Mohm 0603 5%
R109
RC0603JR-071ML
Yageo
31
1
CONN HEADER VERT DUAL 8POS
2.54
J2
61300821121
Wurth Electronics Inc.
32
1
CONN HEADER DUAL 30 POS RA
2.54
J1
61303021021
Wurth Electronics Inc.
33
1
CONN HEADER VERT DUAL 6POS
2.54
J3
61300621121
Wurth Electronics Inc.
34
1
CONN HEADER VERT DUAL 4POS
2.54
J4,J5,J6
61300421121
Wurth Electronics Inc.
35
1
CONN HEADER VERT SING 3POS
2.54
J7
61300311121
Wurth Electronics Inc.
36
CONN HEADER VERT DUAL 2POS
2.54
J8
61300221121
Wurth Electronics Inc.
37
CONN HEADER VERT SING 1POS
2.54
J9
61300111121
Wurth Electronics Inc.
38
1
FERRITE BEAD 60Ω 0603 1LN
L101
BLM18PG600
Murata Electronics
North America
39
1
LED RED CLEAR 0603 SMD
LED2
150060RS75000
Wurth Electronics Inc.
40
2
LED BLUE CLEAR 0603 SMD
LED102
150060BS75000
Wurth Electronics Inc.
41
1
LED GREEN CLEAR 0603 SMD
LED1,LED1
01
150060GS75000
Wurth Electronics Inc.
42
1
MOSFET N-CH 30V 2.7A SOT-23-3
Q1
IRLML2030
Infineon Technologies
43
1
OSC 12.0000MHz SMD
Q101
12MHz/S/3.2X2.5
Quarz
44
10
TEST POINT PC MINI .040"D
BLACK
TP1/UH,
TP2/UL,
TP3/VH,
TP4/VL,
TP5/WH,
TP6/WL,
TP7/PFCG0
,
5001
Keystone Electronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com