Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  12MHZ/S/3.2X2.5 Datasheet HTML 1Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 2Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 3Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 4Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
User Manual
4 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
Introduction
2
Introduction
The EVAL-M3-102T evaluation board is a part of the iMOTION™ Modular Application Design Kit for drives
(iMOTION™ MADK). In order to run a motor, the mating power board is required to interface this evaluation
board.
The MADK platform is intended to use various power stages with different control boards. These boards can
easily be interfaced through the 30-pin iMOTION™ MADK M3, or the 30-pin iMOTION™ MADK M3 interface
connector. This board is equipped with 30-pin M3 connector and is intended for power factor correction and
single motor control only.
This evaluation board is designed to give comprehensible solutions of sensorless control of permanent magnet
motors over the full speed range. It provides a capable of 3-phase and type 3 of 2-phase modulation, a micro-
USB connector and on board debugger isolated by digital isolator, and UART interface.
The EVAL-M3-102T evaluation board is available from Infineon. The features of this board are described in the
main feature chapter of this document, whereas the remaining paragraphs provide information to enable the
customers to copy, modify and qualify the design for production according to their own specific requirements.
Environmental conditions were considered in the design of the EVAL-M3-102T, but it is not qualified regarding
safety requirements or manufacturing and operation over the whole operating temperature range or lifetime.
The boards provided by Infineon are subject to functional testing only.
Evaluation boards are not subject to the same procedures as regular products regarding Returned Material
Analysis (RMA), Process Change Notification (PCN) and Product Discontinuation (PD). Evaluation boards are
intended to be used under laboratory conditions by technical specialists only.
Figure 1 shows the evaluation board EVAL-M3-102T. This document explains the features and details of this board
as well as control IC which is IMC102T-F064.
Figure 1
Evaluation board EVAL-M3-102T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com