Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
User Manual
10 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-102T main features
Table 3
EVAL-M3-102T board specifications
Parameters
Values
Conditions / comments
Host Interface (Not isolated)
UART(TXD1, RXD1)
0 - VDD
Serial port 1 typical 57600 Bps
AIN
0 - VDD
analog input
DIN
0 - VDD
digital input
DOUT
0 - VDD
digital output
FG
0 - 30V
digital output with open drain
structure
Input
VDD
3.3V (default), 5V
Controller supply voltage
DC Bus
DC Bus Scaling
8.20 counts/V
13.3kΩ resistor on control board,
and 2MΩ resistor on power board
DC Bus sensing range
499.54V max
Current feedback
Motor Internal Current Feedback
Amplifier Gain
1, 3, 6, 12
Configured by MCEWizard
Motor Current sensing device
0 – VDD/Gain
Single shunt resistor
Leg shunt resistor
Motor Current Op-amp
Configuration
Non-Inverting
default setting
Motor Current External
Amplification Gain
0.833
PFC Current sensing device
0 – VDD/Gain
PFC Current Op-amp Configuration Non-Inverting
default setting
PFC Current External Amplification
Gain
0.923
Resolution
12-bit
PCB design may reduce the
resolution
Latency
1 pwm cycle
Protections
NTC Temperature shutdown value
0 - VDD (configured by
MCEWizard)
PCB characteristics
Material
FR4, 1.6MM thickness
Copper thickness = 1oz (35um)
Dimension
65mmx45mm
System environment
Ambient temperature
25°C
IC operating temperature
-40 - 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com