Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 4Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
User Manual
8 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-102T main features
Table 2 lists the available pins of IMC102T-F064 with short descriptions. For more detailed information, please
refer to the datasheet or User Manual for iMOTION™ IMC102T-F064 motor control IC.
Table 2
IMC102T-F064 pinout description
Pin#
Type
Pin Name
Description
1
Power
VSS
Ground
2
Power
VDD
Supply Voltage
3
IO
GPIO2
Digital input/output 2
4
IO
GPIO3
Digital input/output 3
5
IO
GPIO4
Digital input/output 4
6
IO
GPIO5
Digital input/output 5
7
IO
GPIO7
Digital input/output 7
8
IO
GPIO8
Digital input/output 8
9
AIN
VSP/AIN0
Analog speed reference input or
Analog input 0
10
AIN
REFW/AHALL1+/AI
N1
Itrip phase W reference or Analog
Hall input 1+ or Analog input 1
11
AIN
IW/AHALL1-/AIN2
Phase W current leg sensing or
Analog Hall input 1- or Analog
input 2
12
AIN
IPFC0
PFC current sensing
13
AIN
NTC/AIN4
External temperature sense input
or Analog input 4
14
AIN
VDC
DC bus sensing input
15
AIN
IV/AHALL2-
Phase V current leg sensing or
Analog Hall input 2-
16
AIN
REFV/AHALL2+/AIN
7
Itrip phase V reference or Analog
Hall input 2+ or Analog input 7
17
AIN
REFU
Itrip phase U reference
18
AIN
IU/ISS
Phase U leg sensing or single
shunt current sensing
19
AIN
VAC2
VAC sense input line2
20
AIN
VAC1
VAC sense input line1
21
AIN
IPFCREF
Itrip PFC reference input
22
AIN
IPFCTRIP
Itrip PFC input
23
Power
VSS
Ground
24
Power
VDD
Supply Voltage
25
Power
VDD
Supply Voltage
26
IO
HALL1/GPIO9
Digital Hall input 1 or Digital I/O
27
IO
HALL2/GPIO10
Digital Hall input2 or Digital I/O
28
IO
HALL3/GPIO11
Digital Hall input3 or Digital I/O
29
O
PWMUL
Motor PWM phase U low side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com