Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
User Manual
9 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-102T main features
30
O
PWMUH
motor PWM phase U high side
31
O
PWMVL
motor PWM phase V low side
32
O
PWMVH
motor PWM phase V high side
33
O
PWMWL
motor PWM phase W low side
34
O
PWMWH
motor PWM phase W high side
35
Power
VDD
Supply Voltage
36
I
GK
Motor gate kill input
37
IO
GPIO12
Digital input/output 12
38
IO
GPIO13
Digital input/output 13
39
IO
GPIO14
Digital input/output 14
40
IO
GPIO15
Digital input/output 15
41
O
LED
Status LED
42
O
PGOUT
Pulse output
43
O
PFCG1
PFC gate driver1
44
O
PFCG0
PFC gate driver0
45
IO
GPIO18
Digital input/output 18
46
IO
GPIO19
Digital input/output 19
47
IO
GPIO20
Digital input/output 20
48
IO
GPIO21
Digital input/output 21
49
Power
VSS
Ground
50
Power
VDD
Supply Voltage
51
IO
GPIO22
Digital input/output 22
52
I
DIR
Direction input
53
IO
GPIO23
Digital input/output 23
54
IO
GPIO24
Digital input/output 24
55
I
DUTYFREQ
Duty/Freq input for speed input
56
IO
GPIO25
Digital input/output 25
57
I
RXD0
UART0 Receive for SW download
58
O
TXD0
UART0 Transmit for SW download
59
IO
GPIO26
Digital input/output 26
60
IO
GPIO27
Digital input/output 27
61
IO
GPIO28
Digital input/output 28
62
IO
GPIO29
Digital input/output 29
63
I
RXD1
UART1 Receive for host interface
64
O
TXD1
UART1 Transmit for host interface
3.3
EVAL-M3-102T board specifications
Table 3 depicts the important specifications of the evaluation board EVAL-M3-102T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com