Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 19Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 20Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
User Manual
17 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M3-102T
iMOTION™ MADK system enables users to easily test different combination of control and power board with
their motors. User should be familiar with the system level parameters which are related to the motor used.
There is a very limited number of parameters which are specific to the control board or power board hardware.
Table 13 provides the MCEWizard setup overview for hardware related parameters. Similar tables will be
available in each power board’s User Manual. Combination of this table and the corresponding table of the
power board provides enough information to setup the MADK-based motor drive system in shortest time.
Table 13
MCEWizard setup overview table
Page
Parameter
Value
Comment
Welcome Page Power Board selecting
MADK power board name
If no, select similar
power board to modify
Options Page Motor 1 Shunt Configuration
Refer to the power board App Note
Question 3
Controller Supply Voltage
Refer to the power board App Note
VDD is 3.3V by default
Question 19
Max DC Bus Voltage
Refer to the power board App Note
Question 23
DC Bus Sensing High Resistor Refer to the power board App Note
Question 24
DC Bus Sensing Low Resistor
13.3 kOhm
Question 54
NTC Temperature Shutdown
value
Calculated as the Section 5.3.2
Refer to the power
board App Note
Question 63
GateSense Low-Side Devices
Refer to the power board App Note
High is true by default
Question 64
GateSense High-Side Devices Refer to the power board App Note
High is true by default
Question 69
Motor 1 Current Input
Calculated as the Section 5.1.2
Question 83
PFC Topology
Refer to the power board App Note
Boost or Totem-Pole
Question 85
PFC Current Input
Calculated as the Section 5.2.2
Question 92
PFC Gate Driver Polarity High
Side
Refer to the power board App Note
High is true by default
Question 93
PFC Gate Driver Polarity Low
Side
Refer to the power board App Note
High is true by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com