Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 33Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 34Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 35Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 36Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 37Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 38Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 39Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 40Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
User Manual
38 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty. Part description
Designator Part Number
Manufacturer
TP8/PFCG1
,
TP9/DECSE
NSE,
TP10/VTH,
TP11/GK,
TP12/3.3V,
TP13/GND
45
1
IC MCU 32BIT 128KB FLASH
64TSSOP
U1
IMC102T-F064
Infineon Technologies
46
1
IC MCU 32BIT 256KB FLASH
48VQFN
U101
XMC4200-Q48F256
BA
Infineon Technologies
47
1
IC REG LINEAR 3.3V 1A SOT223-4
U102
IFX1117-ME V33
Infineon Technologies
48
1
DGTL ISO 3.75KV GEN PURP 8SOIC U103
SI8621EC-B-IS
Silicon Labs
49
2
TVS DIODE 17VC WLL-2-1
V101, V102
ESD237-B1-W0201
Infineon Technologies
50
1
DIODE SCHOTTKY 30V 1A SOD323-
2
V103
BAS3010A-03W
Infineon Technologies
51
1
CONN RCPT MICRO USB AB SMD
R/A
X101
ZX62-AB-5PA
Hirose Electric Co Ltd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com