Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 274 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 274 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 270Page - Texas Instruments AM2434...ALV Datasheet HTML 271Page - Texas Instruments AM2434...ALV Datasheet HTML 272Page - Texas Instruments AM2434...ALV Datasheet HTML 273Page - Texas Instruments AM2434...ALV Datasheet HTML 274Page - Texas Instruments AM2434...ALV Datasheet HTML 275Page - Texas Instruments AM2434...ALV Datasheet HTML 276Page - Texas Instruments AM2434...ALV Datasheet HTML 277Page - Texas Instruments AM2434...ALV Datasheet HTML 278Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 280 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.652
2.332
0.5
0.3
TYP
16
TYP
16 TYP
0.8 TYP
0.8 TYP
441X
0.55
0.45
PIN 1 ID
(OPTIONAL)
B
17.3
17.1
A
17.3
17.1
(0.6) TYP
(0.6) TYP
(
12.8)
(
10.8)
(
16.8)
(1.45)
(0.662)
FCBGA - 2.657 mm max height
ALV0441A
BALL GRID ARRAY
4225999/A 06/2020
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
0.1 C
SEATING PLANE
0.15 C
0.2 C
1 2 3
0.25
C A B
0.1
C
SYMM
SYMM
4 5 6 7 8 9 10
11
12
13
14
15
16
17
18
19
20
21
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
SCALE 0.900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com