Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 34 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 34 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 30Page - Texas Instruments AM2434...ALV Datasheet HTML 31Page - Texas Instruments AM2434...ALV Datasheet HTML 32Page - Texas Instruments AM2434...ALV Datasheet HTML 33Page - Texas Instruments AM2434...ALV Datasheet HTML 34Page - Texas Instruments AM2434...ALV Datasheet HTML 35Page - Texas Instruments AM2434...ALV Datasheet HTML 36Page - Texas Instruments AM2434...ALV Datasheet HTML 37Page - Texas Instruments AM2434...ALV Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
L20
J20
MMC1_CLK
PADCONFIG163
0x000F428C
MMC1_CLK
0
IO
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV5
Yes
PU/PD
SDIO
UART2_CTSn
1
I
1
TIMER_IO4
2
IO
0
UART4_RXD
3
I
1
GPIO1_75
7
IO
pad
J19
J21
MMC1_CMD
PADCONFIG165
0x000F4294
MMC1_CMD
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV5
Yes
PU/PD
SDIO
UART2_RTSn
1
O
TIMER_IO5
2
IO
0
UART4_TXD
3
O
GPIO1_76
7
IO
pad
D19
B17
MMC1_SDCD
PADCONFIG166
0x000F4298
MMC1_SDCD
0
I
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
UART3_CTSn
1
I
1
TIMER_IO6
2
IO
0
UART5_RXD
3
I
1
GPIO1_77
7
IO
pad
C20
C16
MMC1_SDWP
PADCONFIG167
0x000F429C
MMC1_SDWP
0
I
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
UART3_RTSn
1
O
TIMER_IO7
2
IO
0
UART5_TXD
3
O
GPIO1_78
7
IO
pad
K20
MMC0_DAT0
MMC0_DAT0
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
J20
MMC0_DAT1
MMC0_DAT1
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
J18
MMC0_DAT2
MMC0_DAT2
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
J17
MMC0_DAT3
MMC0_DAT3
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
H17
MMC0_DAT4
MMC0_DAT4
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
H19
MMC0_DAT5
MMC0_DAT5
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
H18
MMC0_DAT6
MMC0_DAT6
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
G17
MMC0_DAT7
MMC0_DAT7
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com