Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 93 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 93 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 89Page - Texas Instruments AM2434...ALV Datasheet HTML 90Page - Texas Instruments AM2434...ALV Datasheet HTML 91Page - Texas Instruments AM2434...ALV Datasheet HTML 92Page - Texas Instruments AM2434...ALV Datasheet HTML 93Page - Texas Instruments AM2434...ALV Datasheet HTML 94Page - Texas Instruments AM2434...ALV Datasheet HTML 95Page - Texas Instruments AM2434...ALV Datasheet HTML 96Page - Texas Instruments AM2434...ALV Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 280 page
background image
Table 6-54. MCSPI0 Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
SPI0_CS1
IO
SPI Chip Select 1
C13
B7
SPI0_CS2
IO
SPI Chip Select 2
B16
B9
SPI0_CS3
IO
SPI Chip Select 3
A16
A9
SPI0_D0
IO
SPI Data 0
A13
A8
SPI0_D1
IO
SPI Data 1
A14
C9
(1)
The SPI0_CS0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
Table 6-55. MCSPI1 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
SPI1_CLK
IO
SPI Clock
C14
SPI1_CS0
IO
SPI Chip Select 0
B14
SPI1_CS1
IO
SPI Chip Select 1
D14
SPI1_CS2
IO
SPI Chip Select 2
D16
C11
SPI1_CS3
IO
SPI Chip Select 3
E16
A11
SPI1_D0
IO
SPI Data 0
B15
SPI1_D1
IO
SPI Data 1
A15
Table 6-56. MCSPI2 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
SPI2_CLK
IO
SPI Clock
E14
A12
SPI2_CS0
IO
SPI Chip Select 0
E15
B12
SPI2_CS1
IO
SPI Chip Select 1
C18
A17
SPI2_CS2
IO
SPI Chip Select 2
B19
B18
SPI2_CS3
IO
SPI Chip Select 3
A19
A18
SPI2_D0
IO
SPI Data 0
D15
B10
SPI2_D1
IO
SPI Data 1
C16
B11
Table 6-57. MCSPI3 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
SPI3_CLK
IO
SPI Clock
U4
N3
SPI3_CS0
IO
SPI Chip Select 0
U1
E1
SPI3_CS1
IO
SPI Chip Select 1
T5
N4
SPI3_CS2
IO
SPI Chip Select 2
V12
AA13
SPI3_CS3
IO
SPI Chip Select 3
V15
Y14
SPI3_D0
IO
SPI Data 0
R6
N1
SPI3_D1
IO
SPI Data 1
V4
N2
Table 6-58. MCSPI4 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
SPI4_CLK
IO
SPI Clock
B16
B9
SPI4_CS0
IO
SPI Chip Select 0
E16
A11
SPI4_CS1
IO
SPI Chip Select 1
A17
B13
SPI4_CS2
IO
SPI Chip Select 2
B17
A14
SPI4_CS3 (1)
IO
SPI Chip Select 3
D18
SPI4_D0
IO
SPI Data 0
A16
A9
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
93
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com