Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 56 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 52Page - Texas Instruments AM2434...ALV Datasheet HTML 53Page - Texas Instruments AM2434...ALV Datasheet HTML 54Page - Texas Instruments AM2434...ALV Datasheet HTML 55Page - Texas Instruments AM2434...ALV Datasheet HTML 56Page - Texas Instruments AM2434...ALV Datasheet HTML 57Page - Texas Instruments AM2434...ALV Datasheet HTML 58Page - Texas Instruments AM2434...ALV Datasheet HTML 59Page - Texas Instruments AM2434...ALV Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
A13
A8
SPI0_D0
PADCONFIG133
0x000F4214
SPI0_D0
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
GPIO1_45
7
IO
pad
A14
C9
SPI0_D1
PADCONFIG134
0x000F4218
SPI0_D1
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
GPIO1_46
7
IO
pad
B14
SPI1_CS0
PADCONFIG135
0x000F421C
SPI1_CS0
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
EPWM6_A
3
IO
0
GPIO1_47
7
IO
pad
D14
SPI1_CS1
PADCONFIG136
0x000F4220
SPI1_CS1
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
CPTS0_TS_SYNC
1
O
I2C2_SDA
2
IOD
1
PRG1_IEP0_EDIO_OUTVALID
4
O
UART6_TXD
5
O
ADC_EXT_TRIGGER1
6
I
0
GPIO1_48
7
IO
pad
TIMER_IO11
8
IO
0
B15
SPI1_D0
PADCONFIG138
0x000F4228
SPI1_D0
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
EPWM6_SYNCO
3
O
GPIO1_50
7
IO
pad
A15
SPI1_D1
PADCONFIG139
0x000F422C
SPI1_D1
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
EPWM6_B
3
IO
0
GPIO1_51
7
IO
pad
B11
C6
TCK
MCU_PADCONFIG26
0x04084068
TCK
0
I
0
On / Off / Up
On / Off / Up
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
C11
A3
TDI
MCU_PADCONFIG28
0x04084070
TDI
0
I
0
On / Off / Up
On / Off / Up
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
A12
B5
TDO
MCU_PADCONFIG29
0x04084074
TDO
0
OZ
0
Off / Off / Up
Off / SS / Up
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
C12
B4
TMS
MCU_PADCONFIG30
0x04084078
TMS
0
I
0
On / Off / Up
On / Off / Up
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
D11
B6
TRSTn
MCU_PADCONFIG27
0x0408406C
TRSTn
0
I
0
On / Off / Down
On / Off / Down
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
56
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com