Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 30 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 30 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 26Page - Texas Instruments AM2434...ALV Datasheet HTML 27Page - Texas Instruments AM2434...ALV Datasheet HTML 28Page - Texas Instruments AM2434...ALV Datasheet HTML 29Page - Texas Instruments AM2434...ALV Datasheet HTML 30Page - Texas Instruments AM2434...ALV Datasheet HTML 31Page - Texas Instruments AM2434...ALV Datasheet HTML 32Page - Texas Instruments AM2434...ALV Datasheet HTML 33Page - Texas Instruments AM2434...ALV Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
A18
B16
I2C0_SCL
PADCONFIG152
0x000F4260
I2C0_SCL
0
IOD
1
7
Off / Off / NA
On / SS / NA
1.8 V/3.3 V
VDDSHV0
Yes
None
I2C OD FS
GPIO1_64
7
IO
pad
B18
B15
I2C0_SDA
PADCONFIG153
0x000F4264
I2C0_SDA
0
IOD
1
7
Off / Off / NA
On / SS / NA
1.8 V/3.3 V
VDDSHV0
Yes
None
I2C OD FS
GPIO1_65
7
IO
pad
C18
A17
I2C1_SCL
PADCONFIG154
0x000F4268
I2C1_SCL
0
IOD
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
CPTS0_HW1TSPUSH
1
I
0
TIMER_IO0
2
IO
0
SPI2_CS1
3
IO
1
GPIO1_66
7
IO
pad
B19
B18
I2C1_SDA
PADCONFIG155
0x000F426C
I2C1_SDA
0
IOD
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
CPTS0_HW2TSPUSH
1
I
0
TIMER_IO1
2
IO
0
SPI2_CS2
3
IO
1
GPIO1_67
7
IO
pad
B17
A14
MCAN0_RX
PADCONFIG149
0x000F4254
MCAN0_RX
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
UART4_TXD
1
O
TIMER_IO3
2
IO
0
SYNC3_OUT
3
O
SPI4_CS2
6
IO
1
GPIO1_61
7
IO
pad
EQEP2_S
8
IO
0
UART0_RIn
9
I
1
A17
B13
MCAN0_TX
PADCONFIG148
0x000F4250
MCAN0_TX
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
UART4_RXD
1
I
1
TIMER_IO2
2
IO
0
SYNC2_OUT
3
O
SPI4_CS1
6
IO
1
GPIO1_60
7
IO
pad
EQEP2_I
8
IO
0
UART0_DTRn
9
O
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com