Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 79 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 79 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 75Page - Texas Instruments AM2434...ALV Datasheet HTML 76Page - Texas Instruments AM2434...ALV Datasheet HTML 77Page - Texas Instruments AM2434...ALV Datasheet HTML 78Page - Texas Instruments AM2434...ALV Datasheet HTML 79Page - Texas Instruments AM2434...ALV Datasheet HTML 80Page - Texas Instruments AM2434...ALV Datasheet HTML 81Page - Texas Instruments AM2434...ALV Datasheet HTML 82Page - Texas Instruments AM2434...ALV Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 280 page
background image
Table 6-18. Trace Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
TRC_DATA23 (1)
O
Trace Data 23
R19
(1)
This TRC_DATA signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
MCU Domain Instances
Table 6-19. JTAG Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
EMU0
IO
Emulation Control 0
D10
C5
EMU1
IO
Emulation Control 1
E10
B3
TCK
I
JTAG Test Clock Input
B11
C6
TDI
I
JTAG Test Data Input
C11
A3
TDO
OZ
JTAG Test Data Output
A12
B5
TMS
I
JTAG Test Mode Select Input
C12
B4
TRSTn
I
JTAG Reset
D11
B6
6.3.8 EPWM
MAIN Domain Instances
Table 6-20. EPWM Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
EPWM_SOCA
O
EPWM Start of Conversion A
C17
B14
EPWM_SOCB
O
EPWM Start of Conversion B
D17
A15
EPWM_TZn_IN0
I
EPWM Trip Zone Input 0 (active low)
T18
T19
EPWM_TZn_IN1
I
EPWM Trip Zone Input 1 (active low)
V21
U19
EPWM_TZn_IN2
I
EPWM Trip Zone Input 2 (active low)
R16, R20
V20
EPWM_TZn_IN3 (1)
I
EPWM Trip Zone Input 3 (active low)
P16
EPWM_TZn_IN4 (2)
I
EPWM Trip Zone Input 4 (active low)
P17, P19
EPWM_TZn_IN5 (3)
I
EPWM Trip Zone Input 5 (active low)
R21, Y18
(1)
The EPWM_TZn_IN3 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
(2)
The EPWM_TZn_IN4 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
(3)
The EPWM_TZn_IN5 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
Table 6-21. EPWM0 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
EPWM0_A
IO
EPWM Output A
U20
V21
EPWM0_B
IO
EPWM Output B
U18
U21
EPWM0_SYNCI
I
Sync Input to EPWM module from an external pin
T20
R21
EPWM0_SYNCO
O
Sync Output to EPWM module to an external pin
U21
R20
Table 6-22. EPWM1 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
EPWM1_A
IO
EPWM Output A
U19
T20
EPWM1_B
IO
EPWM Output B
V20
T18
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com