Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 21 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 17Page - Texas Instruments AM2434...ALV Datasheet HTML 18Page - Texas Instruments AM2434...ALV Datasheet HTML 19Page - Texas Instruments AM2434...ALV Datasheet HTML 20Page - Texas Instruments AM2434...ALV Datasheet HTML 21Page - Texas Instruments AM2434...ALV Datasheet HTML 22Page - Texas Instruments AM2434...ALV Datasheet HTML 23Page - Texas Instruments AM2434...ALV Datasheet HTML 24Page - Texas Instruments AM2434...ALV Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
F2
DDR0_A5
DDR0_A5
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J2
DDR0_A6
DDR0_A6
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
L5
DDR0_A7
DDR0_A7
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J3
DDR0_A8
DDR0_A8
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J4
DDR0_A9
DDR0_A9
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
K3
DDR0_A10
DDR0_A10
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J1
DDR0_A11
DDR0_A11
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M5
DDR0_A12
DDR0_A12
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
K4
DDR0_A13
DDR0_A13
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
G4
DDR0_BA0
DDR0_BA0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
G5
DDR0_BA1
DDR0_BA1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
G2
DDR0_BG0
DDR0_BG0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
H3
DDR0_BG1
DDR0_BG1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
H5
DDR0_CAL0
DDR0_CAL0
A
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
F1
DDR0_CK0
DDR0_CK0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
E1
DDR0_CK0_n
DDR0_CK0_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
F4
DDR0_CKE0
DDR0_CKE0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
F3
DDR0_CKE1
DDR0_CKE1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
E3
DDR0_CS0_n
DDR0_CS0_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
E4
DDR0_CS1_n
DDR0_CS1_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
B2
DDR0_DM0
DDR0_DM0
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M2
DDR0_DM1
DDR0_DM1
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
A3
DDR0_DQ0
DDR0_DQ0
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com