Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 11 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 7Page - Texas Instruments AM2434...ALV Datasheet HTML 8Page - Texas Instruments AM2434...ALV Datasheet HTML 9Page - Texas Instruments AM2434...ALV Datasheet HTML 10Page - Texas Instruments AM2434...ALV Datasheet HTML 11Page - Texas Instruments AM2434...ALV Datasheet HTML 12Page - Texas Instruments AM2434...ALV Datasheet HTML 13Page - Texas Instruments AM2434...ALV Datasheet HTML 14Page - Texas Instruments AM2434...ALV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 280 page
background image
• (JTAG Timing Conditions): Added PCB Connectivity Requirements to the Timing Conditions table..............245
• (JTAG Timing Requirements): Added a note to the minimum TCK cycle time parameter..............................245
• (I2C module features): Updated FIFO size, and clarified high-speed mode is only supported on I2C0 and
MCU_I2C0...................................................................................................................................................... 251
• (UART): Updated maximum baud rate from 3.6864 Mbps to 12 Mbps on all UARTs except MCU_UART0 and
MCU_UART1..................................................................................................................................................254
• (Universal Serial Bus Subsystem): Removed references to OTG support and USB SuperSpeed support when
operating as USB device................................................................................................................................ 255
• (Power Supply Designs): Changed section title from "Power Supply Decoupling and Bulk Capacitors" to
"Power Supply"............................................................................................................................................... 256
• (Power Supply Designs): Changed section title from "Power Supply Mapping" to "Power Supply Designs" and
included PMIC recommendations and associated content links.....................................................................256
• Updating the xref href attribute value to correct ti.com link. (ZF)no................................................................256
• (No Loopback, Internal Pad Loopback, and Internal Pad Loopback): Section title was changed to include
"Internal Pad Loopback", updated the descriptions for propagation delay and trace length matching
requirements, removed the "MCU_" prefix from signal names, changed the title of the OSPI connectivity
schematic, and updated the OSPI connectivity schematic to include all of the OSPI pins.............................258
• (External Board Loopback): Updated the descriptions for propagation delay and trace length matching
requirements, removed the "MCU_" prefix from signal names, and changed the title of the OSPI connectivity
schematic........................................................................................................................................................259
• (DQS (only available in Octal SPI devices)): Changed "Octal Flash device" in the section title to "Octal SPI
device", updated the descriptions for propagation delay and trace length matching requirements, removed the
"MCU_" prefix from signal names, changed the title of the OSPI connectivity schematic, and updated the
OSPI connectivity schematic to include all of the OSPI pins.......................................................................... 260
• (System Power Supply Monitor Design Guidelines): Updated description to clarify connectivity expectations
for each of the system power supply monitor pins..........................................................................................261
• Adding Oscilator Routing Guidelines.............................................................................................................. 263
• Adding Oscillator Ground Connection Diagram..............................................................................................263
• (Standard Package Symbolization): Updated the Printed Device Reference figure to match device marking....
265
• (Standard Package Symbolization): Added Printed Device Reference image for AM243x_ALX package.... 265
• (Device Naming Convention): Added row for Carrier Type with Tray and Tape and Reel options................. 265
• (Device Naming Convention): Added "B" to the Device revision row for Silicon Revision 2.0........................265
• (Device Naming Convention): Updated Security options from Other=Secure to H=Secure...........................265
• (Device Naming Convention): Added row for Extended Industrial Temperature option..................................265
• (Device Naming Convention): Deleted the "ZZZ, Production Code; For TI use only" row to match the updated
Printed Device Reference figure.....................................................................................................................265
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com