Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 43 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 43 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 39Page - Texas Instruments AM2434...ALV Datasheet HTML 40Page - Texas Instruments AM2434...ALV Datasheet HTML 41Page - Texas Instruments AM2434...ALV Datasheet HTML 42Page - Texas Instruments AM2434...ALV Datasheet HTML 43Page - Texas Instruments AM2434...ALV Datasheet HTML 44Page - Texas Instruments AM2434...ALV Datasheet HTML 45Page - Texas Instruments AM2434...ALV Datasheet HTML 46Page - Texas Instruments AM2434...ALV Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
Y5
R2
PRG0_PRU1_GPO9
PADCONFIG117
0x000F41D4
PRG0_PRU1_GPO9
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI9
1
I
0
PRG0_UART0_RXD
2
I
1
RGMII1_RD1
4
I
0
RMII1_RXD1
5
I
0
PRG0_IEP0_EDIO_DATA_IN_OUT30
6
IO
0
GPIO1_29
7
IO
pad
EQEP0_I
8
IO
0
UART5_RXD
10
I
1
V6
U2
PRG0_PRU1_GPO10
PADCONFIG118
0x000F41D8
PRG0_PRU1_GPO10
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI10
1
I
0
PRG0_UART0_TXD
2
O
PRG0_PWM2_TZ_IN
3
I
0
RGMII1_RD2
4
I
0
RMII1_TXD0
5
O
PRG0_IEP0_EDIO_DATA_IN_OUT31
6
IO
0
GPIO1_30
7
IO
pad
EQEP1_I
8
IO
0
UART6_RXD
10
I
1
W4
P1
PRG0_PRU1_GPO11
PADCONFIG119
0x000F41DC
PRG0_PRU1_GPO11
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI11
1
I
0
PRG0_RGMII2_TD0
2
O
GPIO1_31
7
IO
pad
EQEP2_I
8
IO
0
UART4_RXD
10
I
1
Y4
P2
PRG0_PRU1_GPO12
PADCONFIG120
0x000F41E0
PRG0_PRU1_GPO12
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI12
1
I
0
PRG0_RGMII2_TD1
2
O
PRG0_PWM1_A0
3
IO
0
GPIO1_32
7
IO
pad
EQEP2_B
8
I
0
GPMC0_A7
9
OZ
UART4_TXD
10
O
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com