Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 77 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 73Page - Texas Instruments AM2434...ALV Datasheet HTML 74Page - Texas Instruments AM2434...ALV Datasheet HTML 75Page - Texas Instruments AM2434...ALV Datasheet HTML 76Page - Texas Instruments AM2434...ALV Datasheet HTML 77Page - Texas Instruments AM2434...ALV Datasheet HTML 78Page - Texas Instruments AM2434...ALV Datasheet HTML 79Page - Texas Instruments AM2434...ALV Datasheet HTML 80Page - Texas Instruments AM2434...ALV Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 280 page
background image
Table 6-14. DDRSS0 Signal Descriptions (continued)
Signal Name [1] ((2))
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
DDR0_A5
O
DDRSS Address Bus
F2
DDR0_A6
O
DDRSS Address Bus
J2
DDR0_A7
O
DDRSS Address Bus
L5
DDR0_A8
O
DDRSS Address Bus
J3
DDR0_A9
O
DDRSS Address Bus
J4
DDR0_A10
O
DDRSS Address Bus
K3
DDR0_A11
O
DDRSS Address Bus
J1
DDR0_A12
O
DDRSS Address Bus
M5
DDR0_A13
O
DDRSS Address Bus
K4
DDR0_BA0
O
DDRSS Bank Address
G4
DDR0_BA1
O
DDRSS Bank Address
G5
DDR0_BG0
O
DDRSS Bank Group
G2
DDR0_BG1
O
DDRSS Bank Group
H3
DDR0_CAL0 (1)
A
IO Pad Calibration Resistor
H5
DDR0_CK0
O
DDRSS Clock
F1
DDR0_CK0_n
O
DDRSS Negative Clock
E1
DDR0_CKE0
O
DDRSS Clock Enable
F4
DDR0_CKE1
O
DDRSS Clock Enable
F3
DDR0_CS0_n
O
DDRSS Chip Select 0
E3
DDR0_CS1_n
O
DDRSS Chip Select 1
E4
DDR0_DM0
IO
DDRSS Data Mask
B2
DDR0_DM1
IO
DDRSS Data Mask
M2
DDR0_DQ0
IO
DDRSS Data
A3
DDR0_DQ1
IO
DDRSS Data
A2
DDR0_DQ2
IO
DDRSS Data
B5
DDR0_DQ3
IO
DDRSS Data
A4
DDR0_DQ4
IO
DDRSS Data
B3
DDR0_DQ5
IO
DDRSS Data
C4
DDR0_DQ6
IO
DDRSS Data
C2
DDR0_DQ7
IO
DDRSS Data
B4
DDR0_DQ8
IO
DDRSS Data
N5
DDR0_DQ9
IO
DDRSS Data
L4
DDR0_DQ10
IO
DDRSS Data
L2
DDR0_DQ11
IO
DDRSS Data
M3
DDR0_DQ12
IO
DDRSS Data
N4
DDR0_DQ13
IO
DDRSS Data
N3
DDR0_DQ14
IO
DDRSS Data
M4
DDR0_DQ15
IO
DDRSS Data
N2
DDR0_DQS0
IO
DDRSS Data Strobe 0
C1
DDR0_DQS0_n
IO
DDRSS Complimentary Data Strobe 0
B1
DDR0_DQS1
IO
DDRSS Data Strobe 1
N1
DDR0_DQS1_n
IO
DDRSS Complimentary Data Strobe 1
M1
DDR0_ODT0
O
DDRSS On-Die Termination for Chip Select 0
E5
DDR0_ODT1
O
DDRSS On-Die Termination for Chip Select 1
F5
DDR0_RESET0_n
O
DDRSS Reset
D5
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. The maximum power dissipation for the resistor is
5.2mW. No external voltage should be applied to this pin.
(2)
The DDRSS0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com