Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 81 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 81 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 77Page - Texas Instruments AM2434...ALV Datasheet HTML 78Page - Texas Instruments AM2434...ALV Datasheet HTML 79Page - Texas Instruments AM2434...ALV Datasheet HTML 80Page - Texas Instruments AM2434...ALV Datasheet HTML 81Page - Texas Instruments AM2434...ALV Datasheet HTML 82Page - Texas Instruments AM2434...ALV Datasheet HTML 83Page - Texas Instruments AM2434...ALV Datasheet HTML 84Page - Texas Instruments AM2434...ALV Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 280 page
background image
6.3.9 EQEP
MAIN Domain Instances
Table 6-30. EQEP0 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
EQEP0_A (1)
I
EQEP Quadrature Input A
D15, N16, Y2
B10, L5
EQEP0_B (1)
I
EQEP Quadrature Input B
C16, N17, W2
B11, J2
EQEP0_I (1)
IO
EQEP Index
A16, R20, T6, Y5
A9, R2, T4
EQEP0_S (1)
IO
EQEP Strobe
B16, R19, V3
B9, M2
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 6-31. EQEP1 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
EQEP1_A (1)
I
EQEP Quadrature Input A
E15, T4, W20
B12, L2, W20
EQEP1_B (1)
I
EQEP Quadrature Input B
E14, W21, W3
A12, L3, Y20
EQEP1_I (1)
IO
EQEP Index
E16, R21, U6, V6
A11, R5, U2
EQEP1_S (1)
IO
EQEP Strobe
D16, P19, P4
C11, E3
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 6-32. EQEP2 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
EQEP2_A (1)
I
EQEP Quadrature Input A
C17, R5
B14, F5
EQEP2_B (1)
I
EQEP Quadrature Input B
D17, W5, Y4
A15, P2, T5
EQEP2_I (1)
IO
EQEP Index
A17, W4
B13, P1
EQEP2_S (1)
IO
EQEP Strobe
B17, R1
A14, F4
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
6.3.10 FSI
MAIN Domain Instances
Table 6-33. FSI0 RX Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
FSI_RX0_CLK
I
FSI Receiver Clock
V19
U18
FSI_RX0_D0
I
FSI Receiver Data 0
T17
U20
FSI_RX0_D1
I
FSI Receiver Data 1
R16
V20
Table 6-34. FSI0 TX Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
FSI_TX0_CLK
O
FSI Transmit Clock
T19
P21
FSI_TX0_D0
O
FSI Transmit Data 0
Y21
Y18
FSI_TX0_D1
O
FSI Transmit Data 1
Y20
AA19
Table 6-35. FSI1 RX Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
FSI_RX1_CLK
I
FSI Receiver Clock
W20
W20
FSI_RX1_D0
I
FSI Receiver Data 0
W21
Y20
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com