Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 133 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 129Page - Texas Instruments AM2434...ALV Datasheet HTML 130Page - Texas Instruments AM2434...ALV Datasheet HTML 131Page - Texas Instruments AM2434...ALV Datasheet HTML 132Page - Texas Instruments AM2434...ALV Datasheet HTML 133Page - Texas Instruments AM2434...ALV Datasheet HTML 134Page - Texas Instruments AM2434...ALV Datasheet HTML 135Page - Texas Instruments AM2434...ALV Datasheet HTML 136Page - Texas Instruments AM2434...ALV Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 280 page
background image
7.10.2.2.1 Power-Up Sequencing
The Figure 7-5 diagram describes the device power-up sequencing.
AM243x_PWR_UP
VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(3)
(3)
(3)
(3)
(3)
VDDSHV4 , VDDSHV5 , VDDA_3P3_SDIO, VDDA_3P3_USB0,
(3)
(3)
VMON_3P3_SOC , VMON_3P3_MCU
(4)
(4)
VSYS, VMON_VSYS
VDDS_OSC, VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(5)
(5)
(5)
(5)
(5)
VDDSHV4 , VDDSHV5 , VDDA_MCU, VDDA_ADC0, VDDA_PLL0, VDDA_PLL1,
(5)
(5)
VDDA_PLL2, VDDA_1P8_SERDES0, VDDA_1P8_USB0, VMON_1P8_MCU ,
(6)
VMON_1P8_SOC , VDDA_TEMP0, VDDA_TEMP1, VDDS_MMC0
(6)
VDDS_DDR , VDDS_DDR_C
(7)
(7)
VDD_CORE, VDDR_CORE , VDDA_0P85_SERDES0_C,
(8)
VDDA_0P85_SERDES0, VDDA_0P85_USB0,
VDD_DLL_MMC0, VDD_MCU0
VPP
(9)
MCU_PORz
MCU_OSC0_XI, MCU_OSC0_XO
Hi-Z
VSYS
VMON_VSYS
Note 1
Note 2
Figure 7-5. Power-Up Sequencing
1. VSYS represents the name of a supply which sources power to the entire system. This supply is expected to
be a pre-regulated supply that sources power management devices which source all other supplies.
2. VMON_VSYS input is used to monitor VSYS via an external resistor divider circuit. For more information,
see Section 9.2.5, System Power Supply Monitor Design Guidelines.
3. VDDSHV_MCU and VDDSHVx [x=0-5] are dual voltage IO supplies which can be operated at 1.8V or
3.3V depending on the application requirements. When any of the VDDSHV_MCU or VDDSHVx [x=0-5] IO
supplies are operating at 3.3V, they shall be ramped up with other 3.3V supplies during the 3.3V ramp period
defined by this waveform.
4. The VMON_3P3_MCU and VMON_3P3_SOC inputs are used to monitor supply voltage and shall be
connected to the respective 3.3V supply source.
5. VDDSHV_MCU and VDDSHVx [x=0-5] are dual voltage IO supplies which can be operated at 1.8V or
3.3V depending on the application requirements. When any of the VDDSHV_MCU or VDDSHVx [x=0-5] IO
supplies are operating at 1.8V, they shall be ramped up with other 1.8V supplies during the 1.8V ramp period
defined by this waveform.
6. The VMON_1P8_MCU and VMON_1P8_SOC inputs are used to monitor supply voltage and shall be
connected to the respective 1.8V supply source.
7. VDDS_DDR and VDDS_DDR_C are expected to be powered by the same source such that they ramp
together.
8. VDD_CORE and VDDR_CORE are expected to be powered by the same source such that they ramp
together.
9. VPP is the 1.8V eFuse programming supply, which shall be left floating (HiZ) or grounded during power-up/
down sequences and during normal device operation. This supply shall only be sourced while programming
eFuse.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com